Electronic Components Datasheet Search
  English  ▼

X  

UML6N Datasheet(PDF) 1 Page - Micro Commercial Components

Part # UML6N
Description  ISOLATED TRANSISTOR AND DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

UML6N Datasheet(HTML) 1 Page - Micro Commercial Components

  UML6N Datasheet HTML 1Page - Micro Commercial Components UML6N Datasheet HTML 2Page - Micro Commercial Components UML6N Datasheet HTML 3Page - Micro Commercial Components UML6N Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UML6N
ISOLATED
TRANSISTOR AND DIODES
Features
•
2SC5585 and RB521S-30 are housed independently
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
www.mccsemi.com
MARKING:L6
D
E1
E
e
e1
A1
A2
C
b
L1
L
SOT-353
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A1
---
.004
---
0.100
A2
.035
.039
0.900
1.000
b
.006
.014
0.150
0.350
c
.003
.006
0.080
0.150
D
0.79
.087
2.000
2.200
E
.045
.053
1.150
1.350
E1
.085
.096
2.150
2.450
e
.026TYP
0.650TYP
e1
.047
.055
1.200
1.400
L
.021REF
0.525REF
L1
.010
.018
0.260
0.460
Revision:
A
20
11/01/01
1 of 4
Tr2
Di1
(1)
(2)
(3)
(4)
(5)
Absolute maximum ratings (Ta=25
°C)
Di1
Parameter
Symbol
IO
IFSM
VR
Tj
Limits
200
1
30
125
Unit
mA
A
V
°C
Average revtified forward current
Forward current surge peak (60Hz, 1
∞)
Reverse voltage (DC)
Junction temperature
Tr2
Parameter
Symbol
VCBO
VCEO
VEBO
IC
ICP
Pd
Tj
Limits
15
12
6
500
120
150
1
∗1
Unit
V
V
V
mA
A
mW
°C
∗1 Each terminal mounted on a recommended.
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Power dissipation
Junction temperature
Di1 / Tr2
Parameter
Symbol
Pd
Tstg
Limits
150
−55 to +125
∗
Unit
mW
°C
Power dissipation
Storage temperature
* Each terminal mounted on a recommended.
MCC
TM
Micro Commercial Components
3
2
1
5
4
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1


Similar Part No. - UML6N

ManufacturerPart #DatasheetDescription
logo
Rohm
UML6N ROHM-UML6N Datasheet
81Kb / 4P
General purpose transistor (isolated transistor and diode)
UML6N ROHM-UML6N Datasheet
93Kb / 5P
General purpose transistor (isolated transistor and diode)
logo
Shenzhen Jin Yu Semicon...
UML6N HTSEMI-UML6N Datasheet
546Kb / 2P
General purpose transistors (Isolated transistor and diode)
logo
Jiangsu Changjiang Elec...
UML6N JIANGSU-UML6N Datasheet
214Kb / 4P
Isolated Transistor and Diode
logo
Micro Commercial Compon...
UML6N MCC-UML6N Datasheet
517Kb / 4P
ISOLATED TRANSISTOR AND DIODES
More results

Similar Description - UML6N

ManufacturerPart #DatasheetDescription
logo
Rohm
EML20 ROHM-EML20 Datasheet
124Kb / 4P
General purpose transistor (isolated transistor and diode)
QSL10 ROHM-QSL10 Datasheet
80Kb / 5P
General purpose transistor (isolated transistor and diode)
FML9 ROHM-FML9_1 Datasheet
88Kb / 5P
General purpose transistor (isolated transistor and diode)
QSZ4 ROHM-QSZ4_1 Datasheet
127Kb / 5P
General purpose transistor (isolated transistor and diode)
logo
Micro Commercial Compon...
UML2N MCC-UML2N Datasheet
301Kb / 4P
ISOLATED TRANSISTOR AND DIODES
logo
Shenzhen Jin Yu Semicon...
UML2N HTSEMI-UML2N Datasheet
1Mb / 2P
Isolated transistor an d diodes
logo
Jiangsu Changjiang Elec...
UML6N JIANGSU-UML6N Datasheet
214Kb / 4P
Isolated Transistor and Diode
UML2N JIANGSU-UML2N Datasheet
704Kb / 4P
Isolated Transistor and Diode
logo
Micro Commercial Compon...
UML2N MCC-UML2N_13 Datasheet
331Kb / 4P
ISOLATED TRANSISTOR AND DIODES
UML6N MCC-UML6N_13 Datasheet
517Kb / 4P
ISOLATED TRANSISTOR AND DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com