Electronic Components Datasheet Search
  English  ▼

X  

US2B Datasheet(PDF) 1 Page - Micro Commercial Components

Part # US2B
Description  2 Amp Ultra Fast Rectifier 50 to 1000 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

US2B Datasheet(HTML) 1 Page - Micro Commercial Components

  US2B Datasheet HTML 1Page - Micro Commercial Components US2B Datasheet HTML 2Page - Micro Commercial Components US2B Datasheet HTML 3Page - Micro Commercial Components US2B Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
US2A
THRU
US2M
Rectifier
50 t o 1000 Volts
Features
•
Glass Passivated Chip
•
Super Fast Switching For High Efficiency
•
Low Forward Voltage Drop And High Current Capability
•
Low Reverse Leakage Current
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
•
Operating Temperature: -50
°C to +150°C
•
Storage Temperature: -50
°C to +150°C
•
Maximum Thermal Resistance; 20
°C/W Junction To Lead
US2A
US2A
50V
35V
50V
US2B
US2B
100V
70V
100V
US2C
US2C
150V
105V
150V
US2D
US2D
200V
140V
200V
US2G
US2G
400V
280V
400V
US2J
US2J
600V
420V
600V
US2K
US2K
800V
560V
800V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
2.0A
TL = 110
°C
5uA
Maximum DC Reverse
Current At Rated DC
Blocking Voltage
*Pulse test: Pulse width 300
µsec, Duty cycle 1%
Maximum
Instantaneous
Forward Voltage
US2A-2D
US2G
US2J-2M
VF
1.0V
1.4V
1.7V
IFM = 2.0A;
TJ = 25
°C
www.mccsemi.com
Peak Forward Surge
Current
IFSM
50A
8.3ms, half sine
DO-214AA
(SMB) (LEAD FRAME)
0.050”
0.106”
0.083”
SUGGESTED SOLDER
PAD LAYOUT
A
B
D
C
E
F
G
H
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.160
.180
4.06
4.57
B
.130
.155
3.30
3.94
C
.006
.012
0.15
0.31
D..030
.060
0.76
1..52
E
.205
.220
5.21
5.59
F
.079
.103
2.01
2.62
G
.077
.087
1.96
2.21
H
.002
.008
0.05
0.20
Maximum Ratings
IR
TJ = 25
°C
T J = 125
°C
350uA
Typical Junction
Capacitance
CJ
28pF
Measured at
1.0MHz, VR=4.0V
Maximum Reverse
Recovery Time
Trr
IF=0.5A, IR=1.0A,
Irr=0.25A
US2A-2G
50ns
          
US2J-2M
100ns
          
          
          
          
          
          
          
          
          
          
          
MAX
MIN
MIN
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
2 Amp Ultra Fast
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
Revision:
A
2011/01/01
1 of 4
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
US2M
US2M
1000V
700V
1000V
Cathode Band
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
MCC
TM
Micro Commercial Components


Similar Part No. - US2B

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
US2B SSE-US2B Datasheet
17Kb / 1P
SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
logo
Diotec Semiconductor
US2B DIOTEC-US2B Datasheet
162Kb / 2P
Ultrafast Switching Surface Mount Si-Rectifiers
logo
Weitron Technology
US2B WEITRON-US2B Datasheet
118Kb / 3P
Surface Mount Ultra Fast Rectifiers
logo
Diotec Semiconductor
US2B DIOTEC-US2B Datasheet
69Kb / 2P
Ultrafast Switching Surface Mount Si-Diodes
logo
Semikron International
US2B SEMIKRON-US2B Datasheet
201Kb / 2P
Surface mount diode Ultrafast silicon rectifier diodes
More results

Similar Description - US2B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ER2A MCC-ER2A_11 Datasheet
254Kb / 4P
2 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
US1AE MCC-US1AE Datasheet
212Kb / 4P
1 Amp Ultra Fast Rectifier 50 to 1000 Volts
US1JFL-TP MCC-US1JFL-TP Datasheet
356Kb / 4P
1 Amp Ultra Fast Rectifier 50 to 1000 Volts
US1ME-TP MCC-US1ME-TP Datasheet
231Kb / 4P
1 Amp Ultra Fast Rectifier 50 to 1000 Volts
US1J-TP MCC-US1J-TP Datasheet
334Kb / 4P
1 Amp Ultra Fast Rectifier 50 to 1000 Volts
ER2D-TP MCC-ER2D-TP Datasheet
283Kb / 4P
2 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
US1M-TP MCC-US1M-TP Datasheet
285Kb / 4P
1 Amp Ultra Fast Rectifier 50 to 1000 Volts
ER2A MCC-ER2A_13 Datasheet
315Kb / 4P
2 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
ES2A MCC-ES2A_13 Datasheet
285Kb / 4P
2 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Shanghai Leiditech Elec...
ER2A LEIDITECH-ER2A Datasheet
659Kb / 3P
2 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com