Electronic Components Datasheet Search
  English  ▼

X  

US1ME Datasheet(PDF) 1 Page - Micro Commercial Components

Part # US1ME
Description  1 Amp Ultra Fast Rectifier 50 to 1000 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

US1ME Datasheet(HTML) 1 Page - Micro Commercial Components

  US1ME Datasheet HTML 1Page - Micro Commercial Components US1ME Datasheet HTML 2Page - Micro Commercial Components US1ME Datasheet HTML 3Page - Micro Commercial Components US1ME Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
US1AE
THRU
US1ME
1 Amp Ultra Fast
Rectifier
50 to 1000 Volts
Features
Maximum Ratings
•
Operating Temperature: -50
°C to +150°C
•
Storage Temperature: -50
°C to +150°C
•
Maximum Thermal Resistance; 30
°C/W Junction To Lead
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
US1A
E
US1A
50V
35V
50V
US1B
E
US1
B
100V
70V
100V
US1D
E
US1D
200V
140V
200V
US1G
E
US1G
400V
280V
400V
US1J
E
US1J
600V
420V
600V
US1K
E
US1K
800V
560V
800V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0A
TL = 75
°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.0V
1.4V
1.7V
IFM = 1.0A;
TJ = 25
°C
Typical Junction
Capacitance
CJ
20pF
17pF
Measured at
1.0MHz, VR=4.0V
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10uA
100uA
TA = 25
°C
TA = 100
°C
Maximum Reverse
Recovery Time
Trr
IF=0.5A, IR=1.0A,
Irr=0.25A
          
75ns
          
          
          
          
          
US1ME
US1M
1000V
70
0V
10
00V
US1CE
US1C
150
V
105
V
15
0V
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
TM
Micro Commercial Components
•
Ultra Fast Switching For High Efficiency
•
For Surface Mounted Applications
•
Low Forward Voltage Drop And High Current Capability
•
Low Reverse Leakage Current
www.mccsemi.com
1 of 4
(SMAE)
0.070”
0.090”
0.085”
SUGGESTED SOLDER
PAD LAYOUT
H
J
E
G
A
B
D
C
Cathode Band
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.079
.096
2.01
2.44
B
.050
.075
1.27
1.90
C
.002
.008
.05
.20
D
---
.02
---
.51
E
.030
.060
.76
1.52
G
.189
.208
4.80
5.30
H
.157
.180
4.00
4.57
J
.090
.115
2.29
2.92
US1AE-1DE
US1GE
US1JE-1ME
50ns
US1AE-1GE
US1JE-1ME
US1AE-1GE
US1JE-1ME
•
Lead Free Finish/RoHS Compliant(NOTE 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
Notes:
1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7
Revision: A
2011/01/01
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1


Similar Part No. - US1ME

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
US1ME MCC-US1ME Datasheet
231Kb / 4P
1 Amp Ultra Fast Rectifier 50 to 1000 Volts
US1ME-TP MCC-US1ME-TP Datasheet
231Kb / 4P
1 Amp Ultra Fast Rectifier 50 to 1000 Volts
More results

Similar Description - US1ME

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
UF4001 MCC-UF4001 Datasheet
371Kb / 2P
1 Amp Ultra Fast Recovery Rectifier 50 to 1000 Volts
UF1A MCC-UF1A_11 Datasheet
230Kb / 3P
1 Amp Surface Mount Ultra Fast Rectifier 50 to 1000 Volts
UF4001 MCC-UF4001_11 Datasheet
231Kb / 3P
1 Amp Ultra Fast Recovery Rectifier 50 to 1000 Volts
US1A MCC-US1A Datasheet
282Kb / 4P
1 Amp Ultra Fast Rectifier 50 to 1000 Volts
US1JFL-TP MCC-US1JFL-TP Datasheet
356Kb / 4P
1 Amp Ultra Fast Rectifier 50 to 1000 Volts
US1ME-TP MCC-US1ME-TP Datasheet
231Kb / 4P
1 Amp Ultra Fast Rectifier 50 to 1000 Volts
US1J-TP MCC-US1J-TP Datasheet
334Kb / 4P
1 Amp Ultra Fast Rectifier 50 to 1000 Volts
US1M-TP MCC-US1M-TP Datasheet
285Kb / 4P
1 Amp Ultra Fast Rectifier 50 to 1000 Volts
ES1AE MCC-ES1AE_14 Datasheet
375Kb / 4P
1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Shanghai Leiditech Elec...
ER1A LEIDITECH-ER1A Datasheet
628Kb / 3P
1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com