Electronic Components Datasheet Search
  English  ▼

X  

D2L40 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # D2L40
Description  Super Fast Recovery Rectifiers(400V 2A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

D2L40 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  D2L40 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd D2L40 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd D2L40 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd D2L40 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd D2L40 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd D2L40 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
D2L40
400V 2A
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
OUTLINE DIMENSIONS
(Unit : mm)
RATINGS
SHINDENGEN
● Low noise
● trr50ns
● Applicable to Automatic Insertion
APPLICATION
● Switching power supply
● Free Wheel
● Home Appliances, Office Equipment
● Telecommunication, Factory Automation
FEATURES
Case : AX078
●Absolute Maximum Ratings (If not specified Tl=25℃)
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-55∼150
℃
Operating Junction Temperature
Tj
150
℃
Maximum Reverse Voltage
VRM
400
V
Average Rectified Forward Current
IO
50Hz sine wave, R-load, Tl=108℃
1.5
A
Peak Surge Forward Current
IFSM
50Hz sine wave, Non-repetitive 1 cycle peak value, Tj=25℃
40
A
●Electrical Characteristics (If not specified Tl=25℃)
Item
Symbol
Conditions
Ratings
Unit
Forward Voltage
VF
IF=1.1A,
Pulse measurement
Max.1.3
V
Reverse Current
IR
VR=400V,
Pulse measurement
Max.10
μA
Reverse Recovery Time
trr
IF=0.5A,  I R=1A
Max.50
ns
Thermal Resistance
θjl
junction to lead
Max.17
℃/W
θja
junction to ambient
Max.105
Single
Super Fast Recovery Rectifiers


Similar Part No. - D2L40

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D2L40U SHINDENGEN-D2L40U Datasheet
393Kb / 2P
Super Fast Recovery Diode
D2L40U SHINDENGEN-D2L40U_17 Datasheet
389Kb / 4P
Super Fast Recovery Diode
More results

Similar Description - D2L40

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D120LC40 SHINDENGEN-D120LC40 Datasheet
380Kb / 6P
Super Fast Recovery Rectifiers(400V 120A)
D20LC40 SHINDENGEN-D20LC40 Datasheet
391Kb / 6P
Super Fast Recovery Rectifiers(400V 20A)
D2FL40 SHINDENGEN-D2FL40 Datasheet
448Kb / 7P
Super Fast Recovery Rectifiers(400V 1.3A)
D4L40 SHINDENGEN-D4L40 Datasheet
434Kb / 7P
Super Fast Recovery Rectifiers(400V 4A)
D5LC40 SHINDENGEN-D5LC40 Datasheet
450Kb / 7P
Super Fast Recovery Rectifiers(400V 5A)
D8LC40 SHINDENGEN-D8LC40 Datasheet
542Kb / 8P
Super Fast Recovery Rectifiers (400V 8A)
DE3L40 SHINDENGEN-DE3L40 Datasheet
447Kb / 7P
Super Fast Recovery Rectifiers(400V 3A)
S2L40 SHINDENGEN-S2L40 Datasheet
378Kb / 6P
Super Fast Recovery Rectifiers(400V 1.1A)
S3L40 SHINDENGEN-S3L40 Datasheet
440Kb / 7P
Super Fast Recovery Rectifiers(400V 3A)
SF5LC40 SHINDENGEN-SF5LC40 Datasheet
392Kb / 6P
Super Fast Recovery Rectifiers(400V 5A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com