Electronic Components Datasheet Search
  English  ▼

X  

8AA2A2006 Datasheet(PDF) 2 Page - Magnetrol International, Inc.

Part # 8AA2A2006
Description  Kotron짰 RF Sensing Probes
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

8AA2A2006 Datasheet(HTML) 2 Page - Magnetrol International, Inc.

  8AA2A2006 Datasheet HTML 1Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 2Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 3Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 4Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 5Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 6Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 7Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 8Page - Magnetrol International, Inc. 8AA2A2006 Datasheet HTML 9Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
P R O C E S S
M E D I A
G U I D E L I N E S
Bare metal
probe
Air
Metal vessel wall
(ground reference)
Non-conductive
(insulating medium)
Insulated
probe
Metal
rod probe
Probe
insulation
Metal vessel wall
Conductive medium
(ground reference)
Conductive
media
Non-conductive (dielectric less than 10 or conductivity
less than 10 µsiemens/cm)
Hydrocarbons, solvents, and bulk solids typically fall into
the category of non-conductive media. Initially, when the
vessel is empty, the dielectric constant is 1 (air). As the
media level rises, the dielectric of the media replaces the
air,
thus
causing
the
capacitance
to
increase.
This
increase is linear with the level increase. A bare probe is
usually the best choice for this application.
Conductive (dielectric greater than 10 or conductivity
greater than 10 µsiemens/cm)
Conductive media in conjunction with a bare probe will
result in an electrical “short”, causing a transmitter to
indicate a high level or a switch to change state. The
solution is to use an insulated probe constructed of
Teflon®, Kynar®, or Halar®. The conductive media creates an
electrical connection between a metal vessel wall and the
probe insulation. Like the non-conductive application,
the distance between the probe and ground, and the
probe diameter is fixed. Instead of measuring the dielec-
tric of the media, we are measuring the dielectric of the
probe insulation which is covered by the media.
2
M A G N E S E A L
®
P R O B E S
Probes are an essential component of the RF Capacitance
measurement system. They are critical in development of
the proper “capacitor” for reliable level measurement. As
importantly, the probe becomes part of the process seal
of the vessel; its reliability is crucial. With the develop-
ment of the Magneseal probe, Magnetrol has taken strides
to further ensure this reliability.
The Magneseal probe offers the following advantages:
1. A sophisticated compression seal exerts radial pressure
between the center rod and the mounting nut yielding
bulletproof sealing up to 3000 psig (205 bar).
2. Spring washers maintain the seal particularly during
varying temperature and pressure that can degrade
other process seals.
3. The Teflon® (TFE) probe insulation is
heat-treated which forms the material
tight to the probe rod. This process
yields better linearity and eliminates
“stress-relieving”
(elongation)
of
the
material at elevated temperatures.
4. Stability of the outer jacket is main-
tained by the end of the probe barb
which further secures the insulating
jacket.
The Magneseal design ensures reliability
long after initial installation.
Œ

Ž




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com