Electronic Components Datasheet Search
  English  ▼

X  

082-803-400 Datasheet(PDF) 4 Page - Magnetrol International, Inc.

Part # 082-803-400
Description  Kotron짰 Model 82 CE RF Level Transmitter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

082-803-400 Datasheet(HTML) 4 Page - Magnetrol International, Inc.

  082-803-400 Datasheet HTML 1Page - Magnetrol International, Inc. 082-803-400 Datasheet HTML 2Page - Magnetrol International, Inc. 082-803-400 Datasheet HTML 3Page - Magnetrol International, Inc. 082-803-400 Datasheet HTML 4Page - Magnetrol International, Inc. 082-803-400 Datasheet HTML 5Page - Magnetrol International, Inc. 082-803-400 Datasheet HTML 6Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
DIMENSIONAL
SPECIFICATIONS
INCHES
(mm)
3/4" NPT
Optional
mounting
flange
4.63 (118) Dia.
4.63 (118)
Dia.
14.08 (358)
10.33 (262)
3.00
(76)
3.00 (76)
3.75
(95)
3.00
(76)
4.76
(121)
2.75
(70)
.50 (13)
.625 (16)
I.L.
3.5"
2 Holes
.38 Dia.
(10)
2.00
(51)
3.50
(89)
Bracket Front View
Side View
2.37 (60)
1"
NPT
3/4" NPT
Optional
mounting
flange
4.63 (118)
Dia.
12.65 (321)
(76)
3.00
.50 (13)
.625 (16)
I.L.
3.5"
3/4" NPT
3/4" NPT
Optional
mounting
flange
4.63 (118)
Dia.
(76)
3.00
3.5"
2.75 (70)
.50 (13)
.625 (16)
I.L.
3/4"
NPT
.1875 (5)
.2500 (6)
3/4" NPT
Optional
mounting
flange
Optional anchor
assembly
P/N 032-8814-001
4.63 (118)
Dia.
(76)
3.00
4.54 (115)
4.38 (111)
1.25 (32)
Optional weight
P/N 032-8814-001
.75 (19)
5.50 (141)
4.87 (124)
2.95 (75)
I.L.
2
2
Probe
diameter
3/4" NPT
3/4"
NPT
Optional
mounting
flange
4.63 (118)
Dia.
4.63 (118)
Dia.
6.68 (170)
3.00
(76)
3.00
(76)
3.75
(95)
3.00 (76)
4.76
(121)
2.75
(70)
.50 (13)
.625 (16)
I.L.
3.5"
2 Holes
.38 Dia.
(10)
2.00
(51)
3.50
(89)
Bracket Front View
Side View
2.37 (60)
Integral Mount with Rigid Probe
(24 VDC Two-Wire)
Integral Mount with Rigid Probe and Meter
(24 VDC Two-Wire)
Integral Mount with Flexible Probe
(120 VAC or 240 VAC Four-Wire)
Remote Mount with Rigid Probe
(24 VDC Two-Wire)
Remote Mount with Rigid Probe and Meter
(24 VDC Two-Wire)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com