Electronic Components Datasheet Search
  English  ▼

X  

815222322 Datasheet(PDF) 26 Page - Magnetrol International, Inc.

Part # 815222322
Description  RF Point Level Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

815222322 Datasheet(HTML) 26 Page - Magnetrol International, Inc.

Back Button 815222322 Datasheet HTML 20Page - Magnetrol International, Inc. 815222322 Datasheet HTML 21Page - Magnetrol International, Inc. 815222322 Datasheet HTML 22Page - Magnetrol International, Inc. 815222322 Datasheet HTML 23Page - Magnetrol International, Inc. 815222322 Datasheet HTML 24Page - Magnetrol International, Inc. 815222322 Datasheet HTML 25Page - Magnetrol International, Inc. 815222322 Datasheet HTML 26Page - Magnetrol International, Inc. 815222322 Datasheet HTML 27Page - Magnetrol International, Inc. 815222322 Datasheet HTML 28Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
23
50-605 Kotron RF Point Model 80/81 Level Switches
3.6
Model Numbers
8
32
MOUNTING CONFIGURATION
0
Integral
1
Remote
HOUSING
52
NEMA 4X carbon steel, 3⁄4" NPT single conduit
80
NEMA 4X/7/9 aluminum, 3⁄4" NPT dual conduit, single point models
NUMBER OF SET POINTS
12
Single point, alarm control
22
Single point, pump control
INPUT POWER
0
120 VAC
0
240 VAC
2
24 VDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com