Electronic Components Datasheet Search
  English  ▼

X  

082-8003-404 Datasheet(PDF) 6 Page - Magnetrol International, Inc.

Part # 082-8003-404
Description  RF Level Transmitter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

082-8003-404 Datasheet(HTML) 6 Page - Magnetrol International, Inc.

Back Button 082-8003-404 Datasheet HTML 2Page - Magnetrol International, Inc. 082-8003-404 Datasheet HTML 3Page - Magnetrol International, Inc. 082-8003-404 Datasheet HTML 4Page - Magnetrol International, Inc. 082-8003-404 Datasheet HTML 5Page - Magnetrol International, Inc. 082-8003-404 Datasheet HTML 6Page - Magnetrol International, Inc. 082-8003-404 Datasheet HTML 7Page - Magnetrol International, Inc. 082-8003-404 Datasheet HTML 8Page - Magnetrol International, Inc. 082-8003-404 Datasheet HTML 9Page - Magnetrol International, Inc. 082-8003-404 Datasheet HTML 10Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
50-613 Kotron Series 82 CE RF Level Transmitter
3
1.4.2 Non-Metallic and Glass-Lined Tank Construction
With plastic, concrete, wood, or any other non-conductive
walled vessels, a ground reference is required. Most com-
monly, this electrode will be in the form of a concentric
ground tube (i.e. stilling well). In questionable circum-
stances, consult the factory. In all cases, a good electrical
connection must be made between the ground surface and
the probe housing.
1.4.3 Transmitter/Probe Assembly
Transmitters with probes up to and including 12 inches
(300 mm) in length are shipped pre-assembled. All other
transmitters are shipped unassembled to avoid damage
during transit. These transmitters must be assembled prior
to mounting. Choose your particular configuration from
the following sections and follow the instructions carefully.
1.5
Probe Installation
1.5.1 Rigid Probe
1. Thread the probe into the mounting connection on the
vessel. Tighten securely, making sure that the wrench is
applied ONLY to the mounting nut. Refer to Figure 1.
2. Screw the transmitter housing onto the probe until hand
tight. The housing can be wrench-tightened to align the
conduit connection with the conduit. Refer to Figure 2.
1.5.1.1 Integral Electronics
1. Remove the housing cover. Locate the white wire which
is fastened to the (+) probe terminal. Refer to Figure 3.
Connect the free end of this wire to the probe connection
screw. Refer to Figure 1.
2. Proceed to Wiring, Section 1.6.
1.5.1.2 Remote Electronics
1. Connect the positive lead of the interconnection cable
(supplied by Magnetrol), to the screw terminal at the top
of the probe. Connect the negative lead to the green
ground screw at the base of the housing. Cut the shield;
do not connect it at probe end. Refer to Figure 4 on
page 4.
2. Install the transmitter housing using the bracket (supplied
by Magnetrol). Make sure to provide adequate clearance to
remove the housing cover. Refer to Figure 3.
2. Proceed to Wiring, Section 1.7.
Probe Terminal
Transmitter
Housing
P.C. Board
Packing
Gland Nut
Rigid Probe
Conduit
connection
Figure 2
Integral Mount Models with Rigid Probe
Packing Gland Nut
(When installing, use
wrench on this nut only)
Probe Connection Screw
Figure 1
White wire attached to
(+) probe terminal
COARSE
L
O
W
M
E
D
H
I
G
H
FINE
+
–
TP –
TP +
COARSE
POWER
HIGH
ZERO
PROBE
30-9012-001
MED
FINE
LOW
SPAN
W 101
Figure 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com