Electronic Components Datasheet Search
  English  ▼

X  

335-AD10-G5P Datasheet(PDF) 4 Page - Magnetrol International, Inc.

Part # 335-AD10-G5P
Description  Non-Contact Ultrasonic Transmitter For Level, Volume, and Open Channel Flow Measurement
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

335-AD10-G5P Datasheet(HTML) 4 Page - Magnetrol International, Inc.

  335-AD10-G5P Datasheet HTML 1Page - Magnetrol International, Inc. 335-AD10-G5P Datasheet HTML 2Page - Magnetrol International, Inc. 335-AD10-G5P Datasheet HTML 3Page - Magnetrol International, Inc. 335-AD10-G5P Datasheet HTML 4Page - Magnetrol International, Inc. 335-AD10-G5P Datasheet HTML 5Page - Magnetrol International, Inc. 335-AD10-G5P Datasheet HTML 6Page - Magnetrol International, Inc. 335-AD10-G5P Datasheet HTML 7Page - Magnetrol International, Inc. 335-AD10-G5P Datasheet HTML 8Page - Magnetrol International, Inc. 335-AD10-G5P Datasheet HTML 9Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
4
51-637 Echotel Model 335 Ultrasonic Transmitter
1.0
Installation
Caution: If equipment is used in a manner not specified by manufac-
turer, protection provided by equipment may be impaired.
1.1
Unpacking
Unpack the instrument carefully. Inspect all units for
damage. Report any concealed damage to carrier within
24 hours. Check the contents of the packing slip and
purchase order. Check and record the serial number for
future reference when ordering parts.
Caution: Do not discard the shipping container until all parts are
checked.
1.2
Mounting and Application Considerations
Caution: Unit should only be hand-tightened (4–12 ft-lbs) into the
process connection. The wrench flats should only be used
when removing the unit. Overtightening will cause trans-
ducer errors and will void the warranty.
There are several application considerations that should be
evaluated prior to installing a non-contact ultrasonic trans-
mitter. The next few pages should be read thoroughly to
ensure that the Model 335 will perform as expected in
the given application. Section 2.4, Measurement Range
Calculations, provides measurement range calculations that
should be used to determine the maximum potential range
in difficult applications.
1.2.1 Position
The optimum mounting position of the Model 335 is
between 1⁄2 of the radius and 2⁄3 diameter of the (cylindrical)
tank. This will position the unit to minimize any interfer-
ence that the 7° beam (3.5° half angle) has with the tank
walls or any agitator blades that exist in the tank. Refer to
beam angle figure on page 38.
1.2.2 Orientation
The face of the transducer must be parallel to the liquid
surface within ±2° to 3°.
1.2.3 Temperature
Ensure that the transmitter will be protected against
overheating by direct sunshine. When the unit will be
subjected to severe direct sun, the use of a sunshade is
recommended.
Sunshade



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com