Electronic Components Datasheet Search
  English  ▼

X  

344-0442-101 Datasheet(PDF) 4 Page - Magnetrol International, Inc.

Part # 344-0442-101
Description  Echotel짰 Models 344/345 Ultrasonic Non-Contact Transmitters for Level, Volume, or Open Channel Flow
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

344-0442-101 Datasheet(HTML) 4 Page - Magnetrol International, Inc.

  344-0442-101 Datasheet HTML 1Page - Magnetrol International, Inc. 344-0442-101 Datasheet HTML 2Page - Magnetrol International, Inc. 344-0442-101 Datasheet HTML 3Page - Magnetrol International, Inc. 344-0442-101 Datasheet HTML 4Page - Magnetrol International, Inc. 344-0442-101 Datasheet HTML 5Page - Magnetrol International, Inc. 344-0442-101 Datasheet HTML 6Page - Magnetrol International, Inc. 344-0442-101 Datasheet HTML 7Page - Magnetrol International, Inc. 344-0442-101 Datasheet HTML 8Page - Magnetrol International, Inc. 344-0442-101 Datasheet HTML 9Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
T R A N S M I T T E R
S P E C I F I C A T I O N S
Supply voltage
120 VAC +10%/-15%, 50–60 Hz
240 VAC +10%/-15%, 50–60 Hz
24 VDC, ±20%
Power consumption
12 watts (without heater)
Fuse size
1
⁄4 amp replaceable, 250 VAC Slo-Blo® for AC units
2 amp replaceable, 250 VDC Slo-Blo for DC units
Output signal
4–20 mA isolated (1,000
Ω load), RS-232
Relays
Four 10 amp resistive, SPDT
Fail-safe
User selectable for analog and relay outputs
Display
Sixteen (16) character alphanumeric LCD
Keypad
Sixteen (16) button integral to front panel
Enclosure material
High-impact polycarbonate
Response time
2 seconds typical
Accuracy
± 0.25% of calibrated span
Humidity
95% Non-condensing
Ambient temperature
without heater & thermostat*
-4° to +160° F (-20° to +70° C)
with heater & thermostat
-40° to +160° F (-40° to +70° C)
F A L S E
T A R G E T
D E T E C T I O N
When
it
is
impossible
to
mount
the
transducer
far
enough away from obstructions in the vessel a unique
false target detection feature can be used. This target
detection mode programs the transducer to search for,
and display, the distance of the target nearest the trans-
ducer. When this false target is detected, the level infor-
mation of this unwanted target is stored in the buffer for
false targets. This process is repeated until all of the pos-
sible false target locations are programmed into the
transmitter or the buffer is full. A maximum of nine false
targets can be programmed into the buffer.
Successful configuration of false targets will eliminate the
possibility of unwanted target echoes being recognized
as the real material level in the vessel. This technique is
applicable to any obstruction which remains at the same
horizontal plane (i.e., ladder rungs, pipes, tank braces,
mixer blades, etc.) in the vessel.
* NOTE: The 31-day data logger has a +32° F (0° C) minimum when used without the heater and thermostat.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com