Electronic Components Datasheet Search
  English  ▼

X  

D3L60 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # D3L60
Description  Super Fast Recovery Rectifiers(600V 3A)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

D3L60 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  D3L60 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd D3L60 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd D3L60 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd D3L60 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd D3L60 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd D3L60 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd D3L60 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
D3L60
600V 3A
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
OUTLINE DIMENSIONS
(Unit : mm)
RATINGS
SHINDENGEN
Case : ITO-220
● High Voltage
● trr50ns
● Fully Isolated Molding
● Dielectric strength 1.5kV guaranteed
● PFC
● Switching power supply
● Free Wheel
● CTV+B output, lighting
APPLICATION
FEATURES
Single
Super Fast Recovery Rectifiers
●Absolute Maximum Ratings (If not specified Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-55∼150
℃
Operating Junction Temperature
Tj
150
℃
Maximum Reverse Voltage
VRM
600
V
Average Rectified Forward Current
IO
50Hz sine wave, R-load, Tc=127℃
3
A
Peak Surge Forward Current
IFSM
50Hz sine wave, Non-repetitive 1 cycle peak value, Tj=25℃
60
A
Dielectric Strength
Vdis
Terminals to case, AC 1 minute
1.5
kV
Mounting Torque
TOR
(Recommended torque:0.3N・m)
0.5
N・m
●Electrical Characteristics (If not specified Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Forward Voltage
VF
IF=3A,
Pulse measurement
Max.1.65
V
Reverse Current
IR
VR=VRM,
Pulse measurement
Max.10
μA
Reverse Recovery Time
trr
IF=0.5A,  IR=1A
Max.50
ns
θjc
junction to case
Max.4.5
Thermal Resistance
θjf
junction to heat-sink
Max.6
℃/W
θja
junction to ambient
Max.55


Similar Part No. - D3L60

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
D3L60 ISC-D3L60 Datasheet
304Kb / 2P
Super Fast Recovery Diode
More results

Similar Description - D3L60

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D1NF60 SHINDENGEN-D1NF60 Datasheet
348Kb / 7P
Super Fast Recovery Rectifiers(600V 0.8A)
DE3L20U SHINDENGEN-DE3L20U Datasheet
460Kb / 7P
Super Fast Recovery Rectifiers(200V 3A)
DE3L40 SHINDENGEN-DE3L40 Datasheet
447Kb / 7P
Super Fast Recovery Rectifiers(400V 3A)
DF10L60 SHINDENGEN-DF10L60 Datasheet
388Kb / 6P
Super Fast Recovery Rectifiers(600V 10A)
S20L60 SHINDENGEN-S20L60 Datasheet
389Kb / 6P
Super Fast Recovery Rectifiers(600V 20A)
S3L20U SHINDENGEN-S3L20U Datasheet
428Kb / 7P
Super Fast Recovery Rectifiers(200V 3A)
S3L40 SHINDENGEN-S3L40 Datasheet
440Kb / 7P
Super Fast Recovery Rectifiers(400V 3A)
SF10L60U SHINDENGEN-SF10L60U Datasheet
333Kb / 6P
Super Fast Recovery Rectifiers(600V 10A)
SF3L60U SHINDENGEN-SF3L60U Datasheet
332Kb / 6P
Super Fast Recovery Rectifiers(600V 3A)
SF8L60 SHINDENGEN-SF8L60 Datasheet
375Kb / 6P
Super Fast Recovery Rectifiers(600V 8A)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com