Electronic Components Datasheet Search
  English  ▼

X  

INA826 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # INA826
Description  Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA826 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA826 Datasheet HTML 7Page - Texas Instruments INA826 Datasheet HTML 8Page - Texas Instruments INA826 Datasheet HTML 9Page - Texas Instruments INA826 Datasheet HTML 10Page - Texas Instruments INA826 Datasheet HTML 11Page - Texas Instruments INA826 Datasheet HTML 12Page - Texas Instruments INA826 Datasheet HTML 13Page - Texas Instruments INA826 Datasheet HTML 14Page - Texas Instruments INA826 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
10
100
1k
1
10
100
1k
10k
Frequency (Hz)
G020
−3
−2
−1
0
1
2
3
0
1
2
3
4
5
6
7
8
9
10
Time (s/div)
G007
−400
−300
−200
−100
0
100
200
300
400
0
1
2
3
4
5
6
7
8
9
10
Time (s/div)
G006
−15
−10
−5
0
5
10
15
0
1
2
3
4
5
6
7
8
9
10
Time (s/div)
G008
−80
−70
−60
−50
−40
−30
−20
−10
0
−1
−0.5
0
0.5
1
1.5
2
2.5
3
Common Mode Voltage (V)
−40°C
+25°C
+125°C
G056
−80
−70
−60
−50
−40
−30
−20
−10
0
−16
−12
−8
−4
0
4
8
12
16
Common Mode Voltage (V)
−40°C
+25°C
+125°C
G055
INA826
www.ti.com
SBOS562A
– AUGUST 2011 – REVISED SEPTEMBER 2011
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = ±15 V, RL = 10 kΩ, VREF = 0 V, and G = 1, unless otherwise noted.
CURRENT NOISE SPECTRAL DENSITY vs FREQUENCY
(RTI)
0.1-Hz TO 10-Hz RTI VOLTAGE NOISE (G = 1)
Figure 25.
Figure 26.
0.1-Hz TO 10-Hz RTI VOLTAGE NOISE (G = 1000)
0.1-Hz TO 10-Hz RTI CURRENT NOISE
Figure 27.
Figure 28.
INPUT BIAS CURRENT vs COMMON-MODE VOLTAGE
INPUT BIAS CURRENT vs COMMON-MODE VOLTAGE
(VS = +2.7 V)
(VS = ±15 V)
Figure 29.
Figure 30.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): INA826



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com