Electronic Components Datasheet Search
  English  ▼

X  

D3SB80 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # D3SB80
Description  General Purpose Rectifiers(800V 4A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

D3SB80 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  D3SB80 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd D3SB80 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd D3SB80 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd D3SB80 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd D3SB80 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd D3SB80 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
D3SB80
800V 4A
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
OUTLINE DIMENSIONS
Unit : mm
RATINGS
SHINDENGEN
● Switching power supply
● Home Appliances, Office Equipment
● Telecommunication, Factory Automation
APPLICATION
● Thin Single In-Line Package
● High IFSM
● Applicable to Automatic Insertion
FEATURES
Case : 3S
General Purpose Rectifiers
SIL Bridges
● Absolute Maximum Ratings (If not specified Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-40∼150
℃
Operating Junction Temperature
Tj
150
℃
Maximum Reverse Voltage
V
RM
800
V
Average Rectified Forward Current
I
O
50Hz sine wave, R-load
With heatsink
Tc=108℃
4
A
50Hz sine wave, R-load
Without heatsink
Ta=25℃
2.3
Peak Surge Forward Current
IFSM
50Hz sine wave, Non-repetitive 1cycle peak value, Tj=25℃
120
A
Current Squared Time
I2t
1ms≦t<10ms Tj=25℃
60
A2s
Dielectric Strength
Vdis
Terminals to case, AC 1 minute
2
kV
Mounting Torque
TOR
(
Recommended torque : 0.5N・m)
0.8
N・m
● Electrical Characteristics (If not specified Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Forward Voltage
V
F
IF=2A,
Pulse measurement, Rating of per diode
Max.1.05
V
Reverse Current
I
R
V
R=VRM,
Pulse measurement, Rating of per diode
Max.10
μA
θjc
junction to case   With heatsink
Max.5.5
Thermal Resistance
θjl
junction to lead    Without heatsink
Max.6
℃/W
θja
junction to ambient
Without heatsink
Max.30


Similar Part No. - D3SB80

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
D3SB80 SSE-D3SB80 Datasheet
16Kb / 1P
SINGLE PHASE GLASS PASSIVATED SIP BRIDGE RECTIFIER
logo
Leshan Radio Company
D3SB80 LRC-D3SB80 Datasheet
55Kb / 2P
4.0A BRIDGE RECTIFIERS
logo
Shenzhen Ping Sheng Ele...
D3SB80 PFS-D3SB80 Datasheet
346Kb / 2P
Single-phase Silicon Bridge Rectifier
logo
SeCoS Halbleitertechnol...
D3SB80 SECOS-D3SB80 Datasheet
478Kb / 2P
Molding Single-Phase Bridge Rectifier
logo
Rugao Dachang Electroni...
D3SB80 DACHANG-D3SB80 Datasheet
136Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 800V Forward Current 4 A
More results

Similar Description - D3SB80

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D10XB80 SHINDENGEN-D10XB80 Datasheet
309Kb / 6P
General Purpose Rectifiers(800V 10A)
D15XB80 SHINDENGEN-D15XB80 Datasheet
303Kb / 6P
General Purpose Rectifiers(800V 15A)
D20XB80 SHINDENGEN-D20XB80 Datasheet
349Kb / 6P
General Purpose Rectifiers(800V 20A)
D2SB80 SHINDENGEN-D2SB80 Datasheet
272Kb / 5P
General Purpose Rectifiers(800V 1.5A)
D4SB80 SHINDENGEN-D4SB80 Datasheet
305Kb / 6P
General Purpose Rectifiers(800V 4A)
D5SB80 SHINDENGEN-D5SB80 Datasheet
302Kb / 6P
General Purpose Rectifiers(800V 6A)
D6SB80 SHINDENGEN-D6SB80 Datasheet
330Kb / 6P
General Purpose Rectifiers(800V 6A)
M1F80 SHINDENGEN-M1F80 Datasheet
283Kb / 6P
General Purpose Rectifiers(800V 1A)
S1NB80 SHINDENGEN-S1NB80 Datasheet
271Kb / 5P
General Purpose Rectifiers(800V 1A)
S1VB80 SHINDENGEN-S1VB80 Datasheet
319Kb / 5P
General Purpose Rectifiers(800V 1A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com