Electronic Components Datasheet Search
  English  ▼

X  

MHB75 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # MHB75
Description  75W DC-DC Half-Brick Regulated Single Output Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

MHB75 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  MHB75 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. MHB75 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. MHB75 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. MHB75 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. MHB75 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. MHB75 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TheMHB75seriesallowtheusertoswitchthepowerONandOFFelectronicallybytheirremoteON/OFFfeature.
Highsingalhere
disableoutput
Examplecontrolcircuit(positivelogic)
-Vin(pin4)
MHB75
R.C.(pin2)
Logictable
LogicState(pin2)
Negativelogic
Positivelogic
LogicLow-SwitchClosed
PowerOFF(<0.8Vdc)
LogicHigh-SwitchOpen
PowerON(Opencircuit)
TheMHB75seriesareavailablewith"PositiveLogic"(standard)or"NegativeLogic"(option).
PowerON(<0.8Vdc)
PowerOFF(Opencircuit)
Note:1.Logiccompatibility:R.C.(pin2)~-Vin(pin4).
2.Suffix"N"tothemodelnumberwithNegativelogicremoteON/OFF.
75WDC-DCHalf-BrickRegulatedSingleOutputConverter
M H B 7 5 series
RemoteON/OFFControl
MechanicalSpecification
Unit:inch[mm]
FileName:MHB75-SPEC2011-09-08
PinNo. Assignment
R.C.
-Vout
Trim
2
5
7
+Vout
Case
-R.S.
+R.S.
9
3
6
8
+Vin
-Vin
Assignment
Assignment
Assignment
1
4
PinNo.
PinNo.
PinNo.
SIDE VIEW
0.18min.
[4.6]
0.50
[12.7]
R1.50
BOTTOMVIEW
Mounting Inserts M3*0.5
AllDimensionsInInches[mm]
ToleranceInches:X.XX= 0.02,X.XXX= 0.010
Millimeters:X.X= 0.5,X.XX= 0.25
1.90
[48.3]
1
9
2
8
7
3
6
4
5
2.28
[57.9]



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com