Electronic Components Datasheet Search
  English  ▼

X  

RSP-2000 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # RSP-2000
Description  2000W Single Output Power Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RSP-2000 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  RSP-2000 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RSP-2000 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. RSP-2000 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. RSP-2000 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. RSP-2000 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MechanicalSpecification
CaseNo.952DUnit:mm
BlockDiagram
ACInput Terminal
PinNo. Assignment
PinNo.
1
3
2
Assignment
FG
AC/L
AC/N
TB1
3
CN502
2
1
-V
+V
Airflow
direction
41
3-M4L=4
6
271
21
30
295
271
6
ControlPi
(CN501):
nNo. Assignment
HRSDF11-12DP-2DSorequivalent
PinNo.
PinNo.
PinNo.
9
5
1
10
6
11
12
7
8
2
3
4
Assignment
Assignment
Assignment
GND-AUX
GND-AUX
+5V-AUX
+12V-AUX
DC-OK
+S
-S
ON/OFF
T-ALARM
GND-AUX
PV
GND
MatingHousing
HRSDF11-12DS
orequivalent
Terminal
HRSDF11-**SC
orequivalent
3-M4L=6
3-M4L=6
PFCfosc:110KHz
PWMfosc:90KHz
LIMITING
ACTIVE
CURRENT
INRUSH
CONTROL
I/P
RECTIFIERS
&
FILTER
SWITCHING
POWER
RECTIFIERS
FILTER
EMI
PWM
CIRCUIT
DETECTION
POWER
AUX
&
PFC
FILTER
&
12V/0.8A
AUXPOWER
PFC
CONTROL
5V/0.3A
MCU
DETECTION
CIRCUIT
O.V.P.
MCU
O.T.P.
DA/DB
PV
DC-OK
T-Alarm
ON/OFF
FAN
+V
+S
-S
RECTIFIERS
ORING
FET
-V
ORINGFET
CONTROL
TRANSCEIVERS
DATA
ISOLATION
1
2
11
12
CN501
CN504
SVR51
PinNo.
3,4
5,6
1,2
Assignment
DB
GND
DA
MatingHousing
Terminal
orequivalent
orequivalent
ControlPinNo. Assignment(CN502):HRSDF11-6DP-2DSA orequivalent
HRSDF11-6DS HRSDF11-**SC
1
2
3
4
5
6
2000WSingleOutputPowerSupply
R S P - 2 0 0 0 series
FileName:RSP-2000-SPEC2011-11-11



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com