Electronic Components Datasheet Search
  English  ▼

X  

D3SBA20 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # D3SBA20
Description  General Purpose Rectifiers SIL Bridges
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

D3SBA20 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  D3SBA20 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd D3SBA20 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd D3SBA20 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd D3SBA20 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd D3SBA20 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd D3SBA20 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
D3SBA20
200V 4A
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
OUTLINE DIMENSIONS
Unit : mm
RATINGS
SHINDENGEN
● Switching power supply
● Home Appliances, Office Equipment
● Telecommunication, Factory Automation
APPLICATION
●Thin Single In-Line Package
● High IFSM
● Applicable to Automatic Insertion
FEATURES
Case : 3S
General Purpose Rectifiers
SIL Bridges
●Absolute Maximum Ratings (If not specified Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-40∼150
℃
Operating Junction Temperature
Tj
150
℃
Maximum Reverse Voltage
V
RM
200
V
Average Rectified Forward Current
I
O
50Hz sine wave, R-load
With heatsink
Tc=108℃
4
A
50Hz sine wave, R-load
Without heatsink Ta=25℃
2.3
Peak Surge Forward Current
I
FSM
50Hz sine wave, Non-repetitive 1cycle peak value, Tj=25℃
80
A
Current Squared Time
I
2t
1ms≦t<10ms Tj=25℃
32
A
2s
Dielectric Strength
Vdis
Terminals to case, AC 1 minute
2
kV
Mounting Torque
TOR
(
Recommended torque:
0.5N・m)
0.8
N・m
●Electrical Characteristics (If not specified Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Forward Voltage
VF
IF=2A,
Pulse measurement, Rating of per diode
Max.1.05
V
Reverse Current
I
R
VR=VRM,
Pulse measurement, Rating of per diode
Max.10
μA
θjc
junction to case   With heatsink
Max.5.5
Thermal Resistance
θjl
junction to lead     Without heatsink
Max.6
℃/W
θja
junction to ambient
Without heatsink
Max.30


Similar Part No. - D3SBA20

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
D3SBA20 EIC-D3SBA20 Datasheet
57Kb / 2P
SILICON BRIDGE RECTIFIER
logo
New Jersey Semi-Conduct...
D3SBA20 NJSEMI-D3SBA20 Datasheet
151Kb / 2P
SILICON BRIDGE RECTIFIER
More results

Similar Description - D3SBA20

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S25VB60 SHINDENGEN-S25VB60 Datasheet
158Kb / 5P
GENERAL PURPOSE RECTIFIERS
U6KBA80R SHINDENGEN-U6KBA80R Datasheet
170Kb / 6P
GENERAL PURPOSE RECTIFIERS
logo
Fairchild Semiconductor
S1A FAIRCHILD-S1A Datasheet
68Kb / 3P
General Purpose Rectifiers
logo
Shindengen Electric Mfg...
LN25XB60 SHINDENGEN-LN25XB60 Datasheet
178Kb / 6P
GENERAL PURPOSE RECTIFIERS
logo
Shenzhen Taychipst Elec...
BY251 TAYCHIPST-BY251 Datasheet
623Kb / 2P
GENERAL PURPOSE RECTIFIERS
logo
SeCoS Halbleitertechnol...
QG501C SECOS-QG501C_15 Datasheet
341Kb / 2P
General Purpose Rectifiers
logo
Compact Technology Corp...
GS2A CTC-GS2A Datasheet
90Kb / 2P
GENERAL PURPOSE RECTIFIERS
logo
Fairchild Semiconductor
1N5393 FAIRCHILD-1N5393_13 Datasheet
138Kb / 5P
General-Purpose Rectifiers
logo
Comchip Technology
CGR1A7-HF COMCHIP-CGR1A7-HF Datasheet
85Kb / 3P
General Purpose Rectifiers
logo
Hi-Sincerity Mocroelect...
H1N400X HSMC-H1N400X Datasheet
23Kb / 2P
General Purpose Rectifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com