| Electronic Components Datasheet Search |
|
AM3872 Datasheet(PDF) 96 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM3872 Datasheet(HTML) 96 Page - Texas Instruments |
|
96 / 345 page ![]() AM3874, AM3872, AM3871 SPRS695 – SEPTEMBER 2011 www.ti.com 3.2.15 Serial ATA (SATA) Signals Table 3-26. Serial ATA (SATA) Terminal Functions SIGNAL TYPE(1) OTHER(2) (3) MUXED DESCRIPTION NAME NO. – Serial ATA Data Transmit. SATA_TXN0 AB1 O – VDDA_SATA_1P8 When the SATA SERDES are powered down, these – SATA_TXP0 AB2 O – pins should be left unconnected. VDDA_SATA_1P8 – Serial ATA Data Receive. SATA_RXN0 AA2 I – VDDA_SATA_1P8 When the SATA SERDES are powered down, these – SATA_RXP0 AA1 I – pins should be left unconnected. VDDA_SATA_1P8 SPI[0]_SCS[1]/ SPI[0], SD1, SD1_SDCD/ EDMA, TIMER 4, SATA_ACT0_LED/ IPU AE5 O GP1 Serial ATA disk 0 Activity LED output EDMA_EVT1/ DVDD PINCNTL80 TIM4_IO/ DSIS: N/A GP1[6] – PCIE Serdes Reference Clock Inputs and optional SERDES_CLKP AF1 I SERDES_CLK – SATA Reference Clock Inputs. LDO (internal) Shared between PCI Express and Serial ATA. When PCI Express is not used, and these pins are not used – as optional SATA Reference Clock Inputs, these pins SERDES_CLKN AF2 I SERDES_CLK – should be left unconnected. LDO (internal) (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS = De-selected Input State (2) IPD = Internal Pulldown Active, IPU = Internal Pullup Active, DIS = Internal Pull Disabled. This represents the default state of the Internal Pull during and after Reset. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see , Pullup/Pulldown Resistors and , Pin Behaviors at Reset. (3) Specifies the operating I/O supply voltage for each signal 96 Device Pins Copyright © 2011, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): AM3874 AM3872 AM3871 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |