| Electronic Components Datasheet Search |
|
TMS320DM8148 Datasheet(PDF) 21 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM8148 Datasheet(HTML) 21 Page - Texas Instruments |
|
21 / 360 page ![]() TMS320DM8148, TMS320DM8147, TMS320DM8146 www.ti.com SPRS647B – MARCH 2011 – REVISED SEPTEMBER 2011 2.9 SGX530 Overview The SGX530 is a vector/3D graphics accelerator for vector and 3-dimensional (3D) graphics applications. The SGX530 graphics accelerator efficiently processes a number of various multimedia data types concurrently: • Pixel data • Vertex data • Video data This is achieved using a multi-threaded architecture using two levels of scheduling and data partitioning enabling zero overhead task switching. The SGX530 has the following major features: • Vector graphics and 3D graphics • Tile-based architecture • Universal Scalable Shader Engine (USSE ™) - multi-threaded engine incorporating pixel and vertex shader functionality • Advanced shader feature set - in excess of Microsoft VS3.0, PS3.0, and OpenGL2.0 • Industry standard API support - OpenGL ES 1.1 and 2.0, OpenVG v1.1 • Fine-grained task switching, load balancing, and power management • Advanced geometry DMA driven operation for minimum CPU interaction • Programmable high-quality image anti-aliasing • POWERVR SGX core MMU for address translation from the core virtual address to the external physical address (up to 4GB address range) • Fully-virtualized memory addressing for OS operation in a unified memory architecture • Advanced and standard 2D operations [e.g., vector graphics, block level transfers (BLTs), raster operations (ROPs)] For more details on the Secure State Machine (SSM), see the System MMU section of the Chip Level Resources chapter of the TMS320DM814x DaVinci Digital Media Processors Technical Reference Manual (Literature Number: SPRUGZ8). 2.10 Spinlock Module Overview The Spinlock module provides hardware assistance for synchronizing the processes running on multiple processors in the device: • ARM Cortex-A8 processor • C674x DSP • Media Controller The Spinlock module implements 128 spinlocks (or hardware semaphores) that provide an efficient way to perform a lock operation of a device resource using a single read-access, avoiding the need for a read-modify-write bus transfer of which the programmable cores are not capable. For more details on the Spinlock Module, see the Spinlock section of the Chip Level Resources chapter of the TMS320DM814x DaVinci Digital Media Processors Technical Reference Manual (Literature Number: SPRUGZ8). Copyright © 2011, Texas Instruments Incorporated Device Overview 21 Submit Documentation Feedback Product Folder Link(s): TMS320DM8148 TMS320DM8147 TMS320DM8146 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |