Electronic Components Datasheet Search
  English  ▼

X  

TPL0401A Datasheet(PDF) 2 Page - Texas Instruments

Part # TPL0401A
Description  128 TAPS Single Channel Digital Potentiometer with I2C Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPL0401A Datasheet(HTML) 2 Page - Texas Instruments

  TPL0401A Datasheet HTML 1Page - Texas Instruments TPL0401A Datasheet HTML 2Page - Texas Instruments TPL0401A Datasheet HTML 3Page - Texas Instruments TPL0401A Datasheet HTML 4Page - Texas Instruments TPL0401A Datasheet HTML 5Page - Texas Instruments TPL0401A Datasheet HTML 6Page - Texas Instruments TPL0401A Datasheet HTML 7Page - Texas Instruments TPL0401A Datasheet HTML 8Page - Texas Instruments TPL0401A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
WIPER
REGISTER
I C INTERFACE
2
SCL
SDA
VDD
GND
H
W
TPL0401A/B
TPL0401A
TPL0401B
SLIS144
– SEPTEMBER 2011
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
PIN FUNCTIONS
PIN NUMBER
PIN NAME
TYPE
DESCRIPTION
1
VDD
Power
Positive Supply Voltage
2
GND
Ground
Ground
3
SCL
Input
I2C Clock
4
SDA
I/O
I2C Data
5
W
I/O
Wiper terminal
6
H
I/O
High terminal
–
L
I/O
Low terminal
FUNCTIONAL BLOCK DIAGRAM
2
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TPL0401A TPL0401B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com