Electronic Components Datasheet Search
  English  ▼

X  

705-5100-110 Datasheet(PDF) 13 Page - Magnetrol International, Inc.

Part # 705-5100-110
Description  Enhanced Model 705
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

705-5100-110 Datasheet(HTML) 13 Page - Magnetrol International, Inc.

Back Button 705-5100-110 Datasheet HTML 9Page - Magnetrol International, Inc. 705-5100-110 Datasheet HTML 10Page - Magnetrol International, Inc. 705-5100-110 Datasheet HTML 11Page - Magnetrol International, Inc. 705-5100-110 Datasheet HTML 12Page - Magnetrol International, Inc. 705-5100-110 Datasheet HTML 13Page - Magnetrol International, Inc. 705-5100-110 Datasheet HTML 14Page - Magnetrol International, Inc. 705-5100-110 Datasheet HTML 15Page - Magnetrol International, Inc. 705-5100-110 Datasheet HTML 16Page - Magnetrol International, Inc. 705-5100-110 Datasheet HTML 17Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
13
57-600 Eclipse Guided Wave Radar Transmitter
2. Ratio of Diameter: Length (A:B) is 1:1 or greater; any
ratio <1:1 (e.g., a 2"
× 6" nozzle = 1:3) may require a
Blocking Distance and/or DIELECTRIC adjustment
(see Section 2.6.5.2 Measurement Type: Level and
Volume).
3. No pipe reducers (restrictions) are used.
• Probe is kept away from conductive objects to ensure proper
performance. See Probe Clearance Table below. A lower gain
(increase in DIELECTRIC setting) may be necessary to
ignore certain objects (see Section 2.6.5.4 Measurement
Type: Interface and Volume).
2.4.3.1 To install a Model 7xF rigid single rod probe:
Œ Make sure the process connection is at least 2" NPT or a
flanged mounting.
 Carefully place the probe into the vessel. Align the gasket
on flanged installations.
Ž Align the probe process connection with the threaded or
flanged mounting on the vessel.
 For threaded connections, tighten the hex nut of the probe
process connection. For flanged connections, tighten flange
bolts.
 Probe can be stabilized by placing into a non-metallic cup
or bracket at the bottom of the probe. A TFE bottom
spacer (P/N 89-9114-001) is optional for mounting into
a metallic cup or bracket.
NOTE: If the transmitter is to be installed at a later time, do not remove
the protective cap from the probe. Do not use sealing com-
pound or TFE tape on probe connection to transmitter as this
connection is sealed by a Viton® O-ring.
2.4.3.2 To install a Model 7x1 flexible single rod probe:
Œ Make sure the process connection is at least 2" NPT or a
flanged mounting.
 Carefully place the probe into the vessel. Align the gasket
on flanged installations.
Distance
to Probe
Acceptable Objects
<6"
Continuous, smooth, parallel conductive
surface, for example a metal tank wall;
important that probe does not touch wall
>6"
<1" (25mm) diameter pipe and beams,
ladder rungs
>12"
<3" (75mm) diameter pipe and beams,
concrete walls
>18"
All remaining objects
PROBE CLEARANCE TABLE
A
B
➄
➀
➁
➂
➃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com