Electronic Components Datasheet Search
  English  ▼

X  

705-5202-21 Datasheet(PDF) 9 Page - Magnetrol International, Inc.

Part # 705-5202-21
Description  Eclipse짰 Enhanced Model 705 Guided Wave Radar Level Transmitter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

705-5202-21 Datasheet(HTML) 9 Page - Magnetrol International, Inc.

Back Button 705-5202-21 Datasheet HTML 5Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 6Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 7Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 8Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 9Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 10Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 11Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 12Page - Magnetrol International, Inc. 705-5202-21 Datasheet HTML 13Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Description
7x1 (liquids) / 7x2 (solids): Single Flexible
7x5 (solids) / 7x7 (liquids): Twin Flexible
Materials
Probe
316 SST (1.4401)
7x7: FEP coated 316 SST (1.4401)
7x5: TFE coated 316 SST (1.4401)
Process seal
TFE with Viton® GFLT, EPDM or Kalrez 4079 (Consult factory for alternatives)
Probe diameter
7x1: 0.19" (5 mm)
7x2: 0.25" (6 mm)
0.25" (6 mm)
Mounting
See mounting considerations on page 25
< 1" (25 mm) from any surface or construction
Process Connection
Threaded: 2" NPT or 2" BSP (G2) – Flanged: Various ANSI, EN/DIN or hygienic
Probe length
From 3' (1 m) (7x1) - 6' (2 m) (7x2, 7x5, 7x7) to max 75' (22 m) (1 foot or 1 meter)
Blocking distance (top)
4.8" up to 36" (120 up to 910 mm)
depending probe length (adjustable)
12" to 20" (300 to 500 mm)
Transition Zone
Œ
(bottom)
12" (305 mm)
Process
Temperature
Maximum
7x1: 300° F (+150° C) / 7x2: 150° F (+66° C)
7x7: 300° F (+150° C) / 7x5: 150° F (+66° C)
Minimum
-40° F (-40° C)
-40° F (-40° C)
Max Process Pressure
7x1/7x7: 1000 psi @ +70° F (70 bar @ +20° C)
7x2/7x5: 50 psi (3.4 bar)
Max Viscosity
10.000 cP – consult factory in case of
agitation/turbulence
1500 cP
Dielectric Range
ε
r 10-100 (depending installation conditions down
to
ε
r
≥ 1.9) – liquids
ε
r 4-100 – solids
ε
r 1.9-100
Mechanical load
20 lbs (9 kg) – 7x1
Pull-down force
3000 lbs (1360 kg) – 7x2
3000 lbs (1360 kg) – 7x5
Media coating
Maximum error of 10% of coated length. % Error is related to dielectric of medium, thickness of
coating and coated probe length above level.
Œ
Transition Zone (zone with reduced accuracy) is dielectric dependent;
ε
r = dielectric permitivity. It is recommended to set 4–20 mA signal outside the transition
zone / blocking distance.
T E M P E R A T U R E / P R E S S U R E
R A T I N G
F O R
E C L I P S E
P R O B E
S E A L S
P R O B E
S P E C I F I C A T I O N S
0
1000
1500
2000
3000
3500
4500
5000
5500
6000
6500
0
200
500
700
7XD, 7XL HTHP (max. +800° F)
100
300
-200
-320
-100
400
600
800
4000
2500
500
7XS (max. +650°)
7XJ (max. +605°)
Process Temperature (°F)
7XB, 7XF, 7X7
0
20
40
60
80
100
120
140
160
100
150
200
250
300
Process Temperature (°F)
Ambient Temperature vs Process Temperature
350
400
180
200
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
-40
0
100
200
300
400
Process Temperature (°F) (max. 400)
7X1, 7X7, 7XB, 7XF
7XM, 7XN, 7XR, 7XT
7XF-F
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com