Electronic Components Datasheet Search
  English  ▼

X  

IC149 Datasheet(PDF) 2 Page - IC-Haus GmbH

Part # IC149
Description  PROGRAMMABLE ns-PULSE GENERATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC149 Datasheet(HTML) 2 Page - IC-Haus GmbH

  IC149 Datasheet HTML 1Page - IC-Haus GmbH IC149 Datasheet HTML 2Page - IC-Haus GmbH IC149 Datasheet HTML 3Page - IC-Haus GmbH IC149 Datasheet HTML 4Page - IC-Haus GmbH IC149 Datasheet HTML 5Page - IC-Haus GmbH IC149 Datasheet HTML 6Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
preliminary
preliminary
iC149
PROGRAMMABLE ns-PULSE GENERATOR
Rev A0.2, Page 2/6
DESCRIPTION
Pulse generator iC149 produces pulses with a small
duty cycle in the range of ca. 1 ns up to 64 ns max. in
steps of 0.25 ns at a pulse frequency of 1 MHz. The
pulse width is set by means of two hexadecimal cod-
ing switches in coarse and fine steps.
The pulses are output both as LVDS and TTL signals.
This module can easily be used with the evaluation
boards HG1D, NZN1D ans NZP1D.
ELECTRICAL CHARACTERISTICS
Test Conditions: Vs = ±15 V, Ta = 25 °C, System Impedace 50 Ω
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
Power Supply
101
V5
Power Supply
4.75
5
5.25
V
102
I(V5)
Supply Current
V5 = 5 V, S1 = OFF
45
mA
V5 = 5 V, S1 = ON, TRIGGER open
50
mA
V5 = 5 V, S1 = ON, TRIGGER 50 Ω vs. Ground
75
mA
Pulse Width
201
Tpmax
Maximum Pulsweite
V5 = 5 V, Ta = 27 °C, coarse = "F", fine = "F"
63.75
ns
202
Tpmin
Minimum Pulsweite
V5 = 5 V, Ta = 27 °C, coarse = "0", fine = "C"
1
ns



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com