Electronic Components Datasheet Search
  English  ▼

X  

D4F60 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # D4F60
Description  General Purpose Rectifiers(600V 4A)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

D4F60 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  D4F60 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd D4F60 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd D4F60 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd D4F60 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd D4F60 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd D4F60 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd D4F60 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
D4F60
600V 4A
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
OUTLINE DIMENSIONS
RATINGS
SHINDENGEN
Case : 2F
Unit : mm
General Purpose Rectifiers
Single
●Absolute Maximum Ratings (If not specified Tl=25℃)
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-55∼150
℃
Operating Junction Temperature
Tj
150
℃
Maximum Reverse Voltage
VRM
600
V
50Hz sine wave, R-load
Tl=68℃
4
Average Rectified Forward Current
IO
50Hz sine wave, R-load
Ta=25℃
On alumina substrate
1.85
A
50Hz sine wave, R-load
Ta=25℃
On glass-epoxy substrate
1.3
Peak Surge Forward Current
IFSM
50Hz sine wave, Non-repetitive 1 cycle peak value, Tj=25℃
200
A
Current squared time
I2t
1ms≦t<10ms
150
A2s
●Electrical Characteristics (If not specified Tl=25℃)
Item
Symbol
Conditions
Ratings
Unit
Forward Voltage
VF
IF=4A
Pulse measurement
Max.0.95
V
Reverse Current
IR
VR=600V Pulse measurement
Max.10
μA
θjl
junction to lead
Max.23
Thermal Resistance
θja
junction to ambient,
On alumina substrate
Max.80
℃/W
junction to ambient,
On glass-epoxy substrate
Max.115


Similar Part No. - D4F60

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D4F60-5063 SHINDENGEN-D4F60-5063 Datasheet
395Kb / 3P
600V 4A
D4F60 SHINDENGEN-D4F60_17 Datasheet
462Kb / 4P
Surface Mounting Device Single Diode
More results

Similar Description - D4F60

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D3SB20 SHINDENGEN-D3SB20 Datasheet
298Kb / 6P
General Purpose Rectifiers(200V 4A)
D3SB60 SHINDENGEN-D3SB60 Datasheet
298Kb / 6P
General Purpose Rectifiers(600V 4A)
D3SB80 SHINDENGEN-D3SB80 Datasheet
298Kb / 6P
General Purpose Rectifiers(800V 4A)
D3SBA60 SHINDENGEN-D3SBA60 Datasheet
324Kb / 6P
General Purpose Rectifiers(600V 4A)
D4SB60L SHINDENGEN-D4SB60L Datasheet
346Kb / 6P
General Purpose Rectifiers(600V 4A)
D4SB80 SHINDENGEN-D4SB80 Datasheet
305Kb / 6P
General Purpose Rectifiers(800V 4A)
LN4SB60 SHINDENGEN-LN4SB60 Datasheet
338Kb / 6P
General Purpose Rectifiers(600V 4A)
U4SB20 SHINDENGEN-U4SB20 Datasheet
313Kb / 6P
General Purpose Rectifiers(200V 4A)
U4SB60 SHINDENGEN-U4SB60 Datasheet
313Kb / 6P
General Purpose Rectifiers(600V 4A)
U4SBA60 SHINDENGEN-U4SBA60 Datasheet
319Kb / 6P
General Purpose Rectifiers(600V 4A)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com