Electronic Components Datasheet Search
  English  ▼

X  

IC-DX Datasheet(PDF) 4 Page - IC-Haus GmbH

Part # IC-DX
Description  UNIVERSAL DIGITAL SENSOR OUTPUT DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-DX Datasheet(HTML) 4 Page - IC-Haus GmbH

  IC-DX Datasheet HTML 1Page - IC-Haus GmbH IC-DX Datasheet HTML 2Page - IC-Haus GmbH IC-DX Datasheet HTML 3Page - IC-Haus GmbH IC-DX Datasheet HTML 4Page - IC-Haus GmbH IC-DX Datasheet HTML 5Page - IC-Haus GmbH IC-DX Datasheet HTML 6Page - IC-Haus GmbH IC-DX Datasheet HTML 7Page - IC-Haus GmbH IC-DX Datasheet HTML 8Page - IC-Haus GmbH IC-DX Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
preliminary
preliminary
iC-DX
UNIVERSAL DIGITAL SENSOR OUTPUT DRIVER
Rev A3, Page 4/10
ABSOLUTE MAXIMUM RATINGS
Beyond these values damage may occur; device operation is not guaranteed.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Max.
G001 VB
Supply Voltage
Referenced to lowest voltage of GND, OUT
-36
36
V
G002 OUT
OUT Voltage
Referenced to lowest voltage of VB, GND
-36
36
V
G003 GND
GND Voltage
Referenced to lowest voltage of VB, OUT
-36
36
V
G004 V()
Voltage at IN, OE
-0.3
7
V
G005 Tj
Junction Temperature
-40
150
°C
G006 Ts
Storage Temperature
-40
150
°C
G007 Vd()
ESD Susceptibility
HBM, 100 pF discharged through 1.5 kΩ
2
kV
THERMAL DATA
Operating Conditions: VB = 8..30 V
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
T01
Ta
Operating Ambient Temperature Range no thermal shutdown
-40
+150
°C
All voltages are referenced to ground unless otherwise stated.
All currents flowing into the device pins are positive; all currents flowing out of the device pins are negative.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com