Electronic Components Datasheet Search
  English  ▼

X  

IC-DXC Datasheet(PDF) 2 Page - IC-Haus GmbH

Part # IC-DXC
Description  DIGITAL SENSOR I/O DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-DXC Datasheet(HTML) 2 Page - IC-Haus GmbH

  IC-DXC Datasheet HTML 1Page - IC-Haus GmbH IC-DXC Datasheet HTML 2Page - IC-Haus GmbH IC-DXC Datasheet HTML 3Page - IC-Haus GmbH IC-DXC Datasheet HTML 4Page - IC-Haus GmbH IC-DXC Datasheet HTML 5Page - IC-Haus GmbH IC-DXC Datasheet HTML 6Page - IC-Haus GmbH IC-DXC Datasheet HTML 7Page - IC-Haus GmbH IC-DXC Datasheet HTML 8Page - IC-Haus GmbH IC-DXC Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
prel
imin
ary
prel
imin
ary
iC-DXC
DIGITAL SENSOR I/O DRIVER
Rev A0.8, Page 2/11
DESCRIPTION
The iC-DXC is a simple I/O circuit capable of driving
ohmic, inductive and capacitive loads and features
integrated reverse polarity protection.
The output current is at least 200 mA from a supply
voltage of 8 to 30 V.
With input OE = high the output works as a push-pull
driver controlled by pin NIN. If pin NIN is set either to
low or high, the output acts as a high-side (PNP) or
low-side (NPN) driver respectively, controlled by the
input OE.
Forcing the output pin OUT from his current state is
signaled at pin MON. This can be used to implement
an IO-Link Wake-Up detection.
Output transitions are slew-rate limited to reduce in-
terference.
The output is current limited to 450 mA and short cir-
cuit proof by shutting down the driver with excessive
temperature.
A regulated 5 V low power supply is available at pin
VOUT to supply external circuitry with up to 10 mA.
PACKAGES DFN8 3x3
PIN CONFIGURATION
1
2
3
4
5
6
7
8
Backside
Pad/Shield
(BP)
PIN FUNCTIONS
No. Name Function
1 VOUT Regulated +5 V Voltage
2 MON
Monitor Output
3 GND
Ground
4 NIN
Input
5 OE
Output Enabled
6 CFO
Feedback Channel Output
7 OUT
Driver Output
8 VB
Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com