Electronic Components Datasheet Search
  English  ▼

X  

MXH Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # MXH
Description  LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

MXH Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  MXH Datasheet HTML 1Page - RUBYCON CORPORATION MXH Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
(20℃,
120Hz)
Rated Voltage
tanδ
0.20
400∼450
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
MXH
SERIES
MXH
◆SPECIFICATIONS
◆PART NUMBER
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
(tanδ)
Dissipation Factor(MAX)
Endurance
Items
Characteristics
−25∼+105℃
400, 420, 450V.DC
±20%
(20℃,
120Hz)
Rated Voltage
Z
(−25℃)
/Z
(20℃)
400∼450
8
Leakage Current
Dissipation Factor
Capacitance Change
Within ±20% of the initial value.
Not more than 200% of the specified value.
Not more than the specified value.
105℃ Ultra Miniaturized, Snap-in Terminal Type
◆FEATURES
・Load Life : 105℃ 2000 hours.
・Smaller size than MXG series.
・RoHS compliance.
(120Hz)
After applying rated voltage with rated ripple current for 2000 hours at 105℃,
the capacitors shall meet the following requirements.
□□□
Rated Voltage
MXH
Series
SN
Terminal Code
□□□
Option
D×L
Case Size
□□□□□
Rated Capacitance
M
Capacitance Tolerance
I=3 CV (After 5 minutes application of rated voltage)
◆DIMENSIONS
(mm)
MOUNTING HOLES
10±0.1
φD±1
2-φ2
10
φD±1
NEGATIVE
※
4±0.5
L±2
SLEEVE
(PET)
VENT
●SN[4(3.5)mm]terminal type
Terminal code : SN(Tin plating)
(Hz)
Frequency
Coefficient
60(50) 120
500
1k
10k≦
0.80 1.00 1.20 1.25 1.40
◆MULTIPLIER FOR RIPPLE CURRENT
 Frequency Coefficient
◆OPTION
EFC
Code
PET Sleeve without plate
※For φ35, 3.5±0.5
I=(μA)
Leakage Current
V=(V)
Rated Voltage
C=(μF)
Rated Capacitance
Low Temperature Stability
Impedance Ration(MAX)


Similar Part No. - MXH

ManufacturerPart #DatasheetDescription
logo
MMD Components
MXH MMD-MXH Datasheet
52Kb / 1P
2.0 x 2.5 Ceramic SMD Oscillator
MXH MMD-MXH Datasheet
131Kb / 2P
2.0 x 2.5 Ceramic SMD Oscillator
MXH1 MMD-MXH1 Datasheet
119Kb / 2P
2.0 x 2.5 Ceramic SMD Oscillator
MXH1 MMD-MXH1 Datasheet
131Kb / 2P
Low Profile SMD Package
MXH102527AH MMD-MXH102527AH Datasheet
52Kb / 1P
2.0 x 2.5 Ceramic SMD Oscillator
More results

Similar Description - MXH

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
LSQ RUBYCON-LSQ Datasheet
64Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
MXC RUBYCON-MXC Datasheet
79Kb / 4P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
SXC RUBYCON-SXC Datasheet
55Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USC RUBYCON-USC Datasheet
71Kb / 4P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USR RUBYCON-USR Datasheet
1Mb / 4P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
VXR RUBYCON-VXR Datasheet
56Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
KXF RUBYCON-KXF Datasheet
257Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
LSU RUBYCON-LSU Datasheet
175Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USH RUBYCON-USH Datasheet
205Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
AXF_SERIES RUBYCON-AXF_SERIES Datasheet
91Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com