Electronic Components Datasheet Search
  English  ▼

X  

MB4U Datasheet(PDF) 4 Page - IC-Haus GmbH

Part # MB4U
Description  BiSS, SSI, PC-USB 2.0 ADAPTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

MB4U Datasheet(HTML) 4 Page - IC-Haus GmbH

  MB4U Datasheet HTML 1Page - IC-Haus GmbH MB4U Datasheet HTML 2Page - IC-Haus GmbH MB4U Datasheet HTML 3Page - IC-Haus GmbH MB4U Datasheet HTML 4Page - IC-Haus GmbH MB4U Datasheet HTML 5Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
preliminary
preliminary
MB4U
BiSS, SSI, PC-USB 2.0 ADAPTER
Rev B2, Page 4/5
BiSS POWER SUPPLY CONTROL
The MB4U supplies VB and VDD voltages with allo-
cating and initializing the adapter. With closing the
adapter resource or the software the voltages are
turned off to permit a safe unplugging of connected de-
vices. The unpowering of VB and VDD requires a non
volatile content storaging before closing the interface
adapter in any software environment.
BiSS MASTER IP MB100
The MB4U is based on the MB100 BiSS master IP.
With this implementation it is possible to connect one
or more BiSS C devices or a single SSI device to
the adapter. BiSS C protocol is fully supported. The
adapter supports an unlimited count of BiSS C slave
devices.
With BiSS there is 10 MBit/s RS422 maximum clocking
available. The SSI protocol is also configurable.
With high speed buffered transfer the real-time mea-
sured data can be block-wise transferred to a Windows
PC application for analysis, documentation, data pro-
cessing, etc..
BiSS SOFTWARE ENVIRONMENT
iC-Haus Evaluation Software
iC-Haus BiSS software for PCs running on Windows operating systems as well as the required USB and/or
LPT driver are available as a ZIP file. iC-Haus software built with LabVIEW™requires the installation of the
LabVIEW™Run-Time Engine (RTE).
MB4U capable software and product DLLs are available on request (BiSS Reader GUI, iC-MN GUI, iC-LGC GUI,
iC-NQC GUI, iC-MH GUI).
iC-Haus BiSS Interface DLL
For custom software running on Windows operating systems the BiSS Interface DLL enables rapid software
development. Direct access to eval board adapter and high level protocol functions are directly available.
BiSS Interface DLL:
availability on request
iC-Haus expressly reserves the right to change its products and/or specifications. An info letter gives details as to any amendments and additions made to the
relevant current specifications on our internet website www.ichaus.de/infoletter; this letter is generated automatically and shall be sent to registered users by
email.
Copying – even as an excerpt – is only permitted with iC-Haus’ approval in writing and precise reference to source.
iC-Haus does not warrant the accuracy, completeness or timeliness of the specification and does not assume liability for any errors or omissions in these
materials.
The data specified is intended solely for the purpose of product description. No representations or warranties, either express or implied, of merchantability, fitness
for a particular purpose or of any other nature are made hereunder with respect to information/specification or the products to which information refers and no
guarantee with respect to compliance to the intended use is given. In particular, this also applies to the stated possible applications or areas of applications of
the product.
iC-Haus conveys no patent, copyright, mask work right or other trade mark right to this product. iC-Haus assumes no liability for any patent and/or other trade
mark rights of a third party resulting from processing or handling of the product and/or any other use of the product.
As a general rule our developments, IPs, principle circuitry and range of Integrated Circuits are suitable and specifically designed for appropriate use in technical
applications, such as in devices, systems and any kind of technical equipment, in so far as they do not infringe existing patent rights. In principle the range of
use is limitless in a technical sense and refers to the products listed in the inventory of goods compiled for the 2008 and following export trade statistics issued
annually by the Bureau of Statistics in Wiesbaden, for example, or to any product in the product catalogue published for the 2007 and following exhibitions in
Hanover (Hannover-Messe).
We understand suitable application of our published designs to be state-of-the-art technology which can no longer be classed as inventive under the stipulations
of patent law. Our explicit application notes are to be treated only as mere examples of the many possible and extremely advantageous uses our products can
be put to.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com