Electronic Components Datasheet Search
  English  ▼

X  

D5LC20 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # D5LC20
Description  Super Fast Recovery Rectifiers(200V 5A)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

D5LC20 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  D5LC20 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd D5LC20 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd D5LC20 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd D5LC20 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd D5LC20 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd D5LC20 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd D5LC20 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
D5LC20U
200V 5A
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
OUTLINE DIMENSIONS
Unit : mm
RATINGS
SHINDENGEN
Case : ITO-220
● Low noise
● trr35ns
● Fully Isolated Molding
FEATURES
APPLICATION
● Switching power supply
● Free Wheel
● Home Appliances, Office Equipment
● Telecommunication, Factory Automation
Super Fast Recovery Rectifiers
Dual
●Absolute Maximum Ratings (If not specified Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-40∼150
℃
Operating Junction Temperature
Tj
150
℃
Maximum Reverse Voltage
VRM
200
V
Average Rectified Forward Current
IO
50Hz sine wave, R-load, Rating for each diode Io/2, Tc=132℃
5
A
Peak Surge Forward Current
IFSM
50Hz sine wave, Non-repetitive 1 cycle peak value, Tj=25℃
45
A
Dielectric Strength
Vdis
Terminals to case, AC 1 minute
1.5
kV
Mounting Torque
TOR
(Recommended torque:0.3N・m)
0.5
N・m
●Electrical Characteristics (If not specified Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Forward Voltage
VF
IF=2.5A,
Pulse measurement, Rating of per diode
Max.0.98
V
Reverse Current
IR
VR=VRM,
Pulse measurement, Rating of per diode
Max.10
μA
Reverse Recovery Time
trr
IF=0.5A,  IR=1A,  Rating of per diode
Max.35
ns
Thermal Resistance
θjc
junction to case
Max.3.3
℃/W


Similar Part No. - D5LC20

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D5LC20 SHINDENGEN-D5LC20 Datasheet
439Kb / 7P
Super Fast Recovery Rectifiers(200V 5A)
logo
Inchange Semiconductor ...
D5LC20U ISC-D5LC20U Datasheet
302Kb / 2P
Super Fast Recovery Diode
logo
Shindengen Electric Mfg...
D5LC20UR SHINDENGEN-D5LC20UR Datasheet
439Kb / 7P
Super Fast Recovery Rectifiers(200V 5A)
More results

Similar Description - D5LC20

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D10L20U SHINDENGEN-D10L20U Datasheet
450Kb / 7P
Super Fast Recovery Rectifiers(200V 10A)
D15LC20U SHINDENGEN-D15LC20U Datasheet
457Kb / 7P
Super Fast Recovery Rectifiers(200V 15A)
D1NL20U SHINDENGEN-D1NL20U Datasheet
385Kb / 6P
Super Fast Recovery Rectifiers(200V 1A)
D20LC20U SHINDENGEN-D20LC20U Datasheet
379Kb / 6P
Super Fast Recovery Rectifiers(200V 20A)
D3L20U SHINDENGEN-D3L20U Datasheet
440Kb / 7P
Super Fast Recovery Rectifiers(200V 2.5A)
D5LC20UR SHINDENGEN-D5LC20UR Datasheet
439Kb / 7P
Super Fast Recovery Rectifiers(200V 5A)
D5LD20U SHINDENGEN-D5LD20U Datasheet
439Kb / 7P
Super Fast Recovery Rectifiers(200V 5A)
D8LC20U SHINDENGEN-D8LC20U Datasheet
443Kb / 7P
Super Fast Recovery Rectifiers(200V 8A)
DE5LC20U SHINDENGEN-DE5LC20U Datasheet
474Kb / 7P
Super Fast Recovery Rectifiers(200V 5A)
SF5LC20U SHINDENGEN-SF5LC20U Datasheet
380Kb / 6P
Super Fast Recovery Rectifiers(200V 5A)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com