Electronic Components Datasheet Search
  English  ▼

X  

8EWF10STR Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 8EWF10STR
Description  Surface Mountable Fast Soft Recovery Diode, 8 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

8EWF10STR Datasheet(HTML) 6 Page - Vishay Siliconix

  8EWF10STR Datasheet HTML 1Page - Vishay Siliconix 8EWF10STR Datasheet HTML 2Page - Vishay Siliconix 8EWF10STR Datasheet HTML 3Page - Vishay Siliconix 8EWF10STR Datasheet HTML 4Page - Vishay Siliconix 8EWF10STR Datasheet HTML 5Page - Vishay Siliconix 8EWF10STR Datasheet HTML 6Page - Vishay Siliconix 8EWF10STR Datasheet HTML 7Page - Vishay Siliconix 8EWF10STR Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94109
6
Revision: 08-Jul-08
8EWF..SPbF Soft Recovery Series
Vishay High Power Products
Surface Mountable
Fast Soft Recovery Diode, 8 A
ORDERING INFORMATION TABLE
1
-
Current rating (8 = 8 A)
2
-
Circuit configuration:
E = Single diode
3
-
Package:
W = D-PAK
4
-
Type of silicon:
F = Fast soft recovery rectifier
5
-
Voltage code x 100 = VRRM
6
-
S = Surface mountable
7
-
TR = Tape and reel
TRR = Tape and reel (right oriented)
TRL = Tape and reel (left oriented)
8
-
None = Standard production
PbF = Lead (Pb)-free
10 = 1000 V
12 = 1200 V
Device code
5
13
24
67
8
8
E
W
F
12
S
TR
PbF
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95016
Part marking information
http://www.vishay.com/doc?95059
Packaging information
http://www.vishay.com/doc?95033



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com