Electronic Components Datasheet Search
  English  ▼

X  

10UT10 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 10UT10
Description  High Performance Generation 5.0 Schottky Rectifier, 10 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

10UT10 Datasheet(HTML) 2 Page - Vishay Siliconix

  10UT10 Datasheet HTML 1Page - Vishay Siliconix 10UT10 Datasheet HTML 2Page - Vishay Siliconix 10UT10 Datasheet HTML 3Page - Vishay Siliconix 10UT10 Datasheet HTML 4Page - Vishay Siliconix 10UT10 Datasheet HTML 5Page - Vishay Siliconix 10UT10 Datasheet HTML 6Page - Vishay Siliconix 10UT10 Datasheet HTML 7Page - Vishay Siliconix 10UT10 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
VS-10UT10, VS-10WT10FN
www.vishay.com
Vishay Semiconductors
Revision: 10-Aug-11
2
Document Number: 94647
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse width < 300 μs, duty cycle < 2 %
(2) Only 1 anode pin connected
Fig. 1 - Maximum Forward Voltage Drop Characteristics
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
TYP.
MAX.
UNITS
Forward voltage drop
VFM (1)(2)
5 A
TJ = 25 °C
0.630
-
V
10 A
0.735
0.810
20 A
0.840
0.890
5 A
TJ = 125 °C
0.530
-
10 A
0.615
0.660
20 A
0.730
0.770
Reverse leakage current
IRM (1)
TJ = 25 °C
VR = Rated VR
-50
μA
TJ = 125 °C
-
4
mA
Junction capacitance
CT
VR = 5 VDC (test signal range 100 kHz to 1 MHz), 25 °C
400
-
pF
Series inductance
LS
Measured lead to lead 5 mm from package body
8.0
-
nH
Maximum voltage rate of change
dV/dt
Rated VR
-
10 000
V/μs
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction and
storage temperature range
TJ, TStg
- 55 to 175
°C
Maximum thermal resistance,
junction to case
RthJC
DC operation
2
°C/W
Typical thermal resistance,
case to heatsink
RthCS
0.3
Approximate weight
0.3
g
0.01
oz.
Marking device
Case style I-PAK
10UT10
Case style D-PAK
10WT10FN
VFM - Forward Voltage Drop (V)
0.2
0.4
0.6
0.8
1.0
1.2
1.6
1.4
1.8
1
100
10
T
J = 25 °C
T
J = 125 °C
T
J = 175 °C
VR - Reverse Voltage (V)
020
40
60
80
100
0.0001
0.001
0.01
0.1
1
10
100
25 °C
175 °C
150 °C
125 °C
100 °C
75 °C
50 °C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com