Electronic Components Datasheet Search
  English  ▼

X  

2N6251 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2N6251
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N6251 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2N6251 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N6251 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Website:www.iscsemi.cn
2
isc Silicon NPN Power Transistor
2N6251
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= 200mA ; IB= 0
350
V
VCER
Collector-Emitter Sustaining Voltage
IC= 200mA ; RBE= 50Ω
375
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 10A; IB= 1.67A
1.5
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 10A; IB= 1.67A
2.25
V
ICEV
Collector Cutoff Current
VCE= Rated VCEV; VBE= -1.5V
VCE= Rated VCEV; VBE= -1.5V;TC=125℃
5.0
10
mA
ICEO
Collector Cutoff Current
VCE= 300V; IB= 0
5.0
mA
IEBO
Emitter Cutoff Current
VEB= 6V; IC= 0
1.0
mA
hFE
DC Current Gain
IC= 10A ; VCE= 3V
6
50
Is/b
Second Breakdown Collector
Current with Base Forward Biased
VCE= 30V,t= 1.0s,Nonrepetitive
5.8
A
fT
Current Gain-Bandwidth Product
IC= 1A ; VCE= 10V; ftest= 1.0MHz
2.5
MHz
Switching Times
tr
Rise Time
2.0
μs
tstg
Storage Time
3.5
μs
tf
Fall Time
IC= 10A , VCC= 200V, IB1= -IB2= 1.67A
1.0
μs



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com