Electronic Components Datasheet Search
  English  ▼

X  

20CUT10 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 20CUT10
Description  High Performance Schottky Generation 5.0, 2 x 10 A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

20CUT10 Datasheet(HTML) 2 Page - Vishay Siliconix

  20CUT10 Datasheet HTML 1Page - Vishay Siliconix 20CUT10 Datasheet HTML 2Page - Vishay Siliconix 20CUT10 Datasheet HTML 3Page - Vishay Siliconix 20CUT10 Datasheet HTML 4Page - Vishay Siliconix 20CUT10 Datasheet HTML 5Page - Vishay Siliconix 20CUT10 Datasheet HTML 6Page - Vishay Siliconix 20CUT10 Datasheet HTML 7Page - Vishay Siliconix 20CUT10 Datasheet HTML 8Page - Vishay Siliconix 20CUT10 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 94651
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 04-Jan-11
VS-20CUT10, VS-20CWT10FN
Vishay Semiconductors
High Performance Schottky
Generation 5.0, 2 x 10 A
Note
(1) Pulse width < 300 μs, duty cycle < 2 %
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average
forward current
per leg
IF(AV)
50 % duty cycle at TC = 159 °C, rectangular waveform
10
A
per device
20
Maximum peak one cycle
non-repetitive surge current per leg
IFSM
5 μs sine or 3 μs rect. pulse
Following any rated load
condition and with rated
VRRM applied
610
A
10 ms sine or 6 ms rect. pulse
110
Non-repetitive avalanche
energy per leg
EAS
TJ = 25 °C, IAS = 3 A, L = 12 mH
54
mJ
Repetitive avalanche current per leg
IAR
Limited by frequency of operation and time pulse duration
so that TJ < TJ max. IAS at TJ max. as a function of time pulse
(see fig. 8)
IAS at
TJ max.
A
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
TYP.
MAX.
UNITS
Forward voltage drop per leg
VFM (1)
10 A
TJ = 25 °C
0.735
0.810
V
20 A
0.840
0.890
10 A
TJ = 125 °C
0.615
0.660
20 A
0.730
0.770
Reverse leakage current per leg
IRM (1)
TJ = 25 °C
VR = Rated VR
-50
μA
TJ = 125 °C
-
4
mA
Junction capacitance per leg
CT
VR = 5 VDC (test signal range 100 kHz to 1 MHz), 25 °C
400
-
pF
Series inductance per leg
LS
Measured lead to lead 5 mm from package body
8.0
-
nH
Maximum voltage rate of change
dV/dt
Rated VR
-
10 000
V/μs
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction and
storage temperature range
TJ, TStg
- 55 to 175
°C
Maximum thermal resistance,
junction to case per leg
RthJC
DC operation
2
°C/W
Maximum thermal resistance,
junction to case per device
1
Typical thermal resistance,
case to heatsink
RthCS
0.3
Approximate weight
0.3
g
0.01
oz.
Marking device
Case style I-PAK
20CUT10
Case style D-PAK
20CWT10FN



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com