Electronic Components Datasheet Search
  English  ▼

X  

20CUT10FN Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 20CUT10FN
Description  High Performance Schottky Generation 5.0, 2 x 10 A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

20CUT10FN Datasheet(HTML) 5 Page - Vishay Siliconix

  20CUT10FN Datasheet HTML 1Page - Vishay Siliconix 20CUT10FN Datasheet HTML 2Page - Vishay Siliconix 20CUT10FN Datasheet HTML 3Page - Vishay Siliconix 20CUT10FN Datasheet HTML 4Page - Vishay Siliconix 20CUT10FN Datasheet HTML 5Page - Vishay Siliconix 20CUT10FN Datasheet HTML 6Page - Vishay Siliconix 20CUT10FN Datasheet HTML 7Page - Vishay Siliconix 20CUT10FN Datasheet HTML 8Page - Vishay Siliconix 20CUT10FN Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number: 94651
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 04-Jan-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
5
VS-20CUT10, VS-20CWT10FN
High Performance Schottky
Generation 5.0, 2 x 10 A
Vishay Semiconductors
Fig. 8 - Reverse Bias Safe Operating Area (Avalanche Current vs. Rectangular Pulse Duration)
Fig. 9 - Reverse Bias Safe Operating Area (Avalanche Energy vs. Rectangular Pulse Duration)
0
0
1
0
1
1
1
10
100
Tj = 25°C
Tj = 125°C
Tj = 175°C
RectangularPulseDuration(μsec)
0
0
1
0
1
1
1
10
100
Tj = 25°C
Tj = 125°C
Tj = 175°C
RectangularPulseDuration(μsec)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com