Electronic Components Datasheet Search
  English  ▼

X  

961 Datasheet(PDF) 11 Page - Magnetrol International, Inc.

Part # 961
Description  SIL Safety Manual for Echotel Model 961/962
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

961 Datasheet(HTML) 11 Page - Magnetrol International, Inc.

Back Button 961 Datasheet HTML 7Page - Magnetrol International, Inc. 961 Datasheet HTML 8Page - Magnetrol International, Inc. 961 Datasheet HTML 9Page - Magnetrol International, Inc. 961 Datasheet HTML 10Page - Magnetrol International, Inc. 961 Datasheet HTML 11Page - Magnetrol International, Inc. 961 Datasheet HTML 12Page - Magnetrol International, Inc. 961 Datasheet HTML 13Page - Magnetrol International, Inc. 961 Datasheet HTML 14Page - Magnetrol International, Inc. 961 Datasheet HTML 15Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
5.8.1 Diagnostics
Model 961/962 has a unique diagnostics feature to assist in
troubleshooting should a failure occur. A microprocessor in
the electronics continuously monitors all self-test data.
Should a fault occur, the microprocessor can determine
whether the malfunction is due to the electronics, transducer,
piezoelectric crystals, or the presence of environmental noise.
Table 4 shows the push buttons and LEDs used for each
version of the 961/962 for diagnostic troubleshooting:
5.8.2 Troubleshooting
Model 961/962 has a diagnostic push button and Fault LED
used to assist in troubleshooting the switch (see Table 5).
Refer to Section 3.7 of the Echotel Ultrasonic Single and
Dual Point Level Switches Installation and Operating Manual
(Bulletin 51.646) for troubleshooting device errors.
11
51-650 Echotel SIL Safety Manual
Table 4
Diagnostic Push Buttons and LED Indications
Electronics Version
Push Button
LED
961 with 5 amp relays
LEVEL TEST
FAULT
961 with current shift
LOOP TEST
FAULT
962 with 5 amp relays
LEVEL TEST
FAULT
962 with 5 amp relays
LOOP TEST
16 mA
Table 5
Troubleshooting Faults and Corrective Actions
Flashes
Fault
Action
1 flash
Indicates a problem with either the
transducer, piezoelectric crystals,
or the interconnection wiring.
Check wiring inside the housing to
make sure that all wires are
secure in their respective terminal
blocks. Make sure that all the
terminal block screws are fully
tightened. If all wires are secure
then contact the factory. Replace
transducer if needed. Refer to
Section 3.8 of the Installation and
Operating Manual for proper
replacement part numbers.
2 flashes
Indicates a problem with one of
the electronics boards.
Contact the factory for a replace-
ment electronics module. Refer
Section 3.8 of the Installation and
Operating Manual for spare elec-
tronics modules part numbers.
3 flashes
Indicates excessive levels of
environmental noise.
Check if any source may be caus-
ing the interference, such as VFD
(variable frequency drive), radiated
electrical interference (two-way
radio transceiver) or mechanical
vibration from nearby source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16