Electronic Components Datasheet Search
  English  ▼

X  

40EPF02 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 40EPF02
Description  Fast Soft Recovery Rectifier Diode, 40 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

40EPF02 Datasheet(HTML) 1 Page - Vishay Siliconix

  40EPF02 Datasheet HTML 1Page - Vishay Siliconix 40EPF02 Datasheet HTML 2Page - Vishay Siliconix 40EPF02 Datasheet HTML 3Page - Vishay Siliconix 40EPF02 Datasheet HTML 4Page - Vishay Siliconix 40EPF02 Datasheet HTML 5Page - Vishay Siliconix 40EPF02 Datasheet HTML 6Page - Vishay Siliconix 40EPF02 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 94102
For technical questions, contact: diodestech@vishay.com
www.vishay.com
Revision: 04-Dec-09
1
Fast Soft Recovery Rectifier Diode, 40 A
40EPF..PbF Soft Recovery Series
Vishay High Power Products
FEATURES/DESCRIPTION
The 40EPF..PbF fast soft recovery rectifier series
has been optimized for combined short reverse
recovery time and low forward voltage drop.
The glass passivation ensures stable reliable
operation in the most severe temperature and
power cycling conditions.
This product series has been designed and qualified for
industrial level.
Compliant to RoHS directive 2002/95/EC.
APPLICATIONS
• Output
rectification
and
freewheeling
in
inverters,
choppers and converters
• Input
rectifications
where
severe
restrictions
on
conducted EMI should be met
PRODUCT SUMMARY
VF at 10 A
< 1 V
trr
60 ns
VRRM
200 V to 600 V
TO-247AC modified
Cathode
Base
cathode
Anode
1
3
2
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Sinusoidal waveform
40
A
VRRM
200 to 600
V
IFSM
475
A
VF
10 A, TJ = 25 °C
1
V
trr
1 A, - 100 A/μs
60
ns
TJ
- 40 to 150
°C
VOLTAGE RATINGS
PART NUMBER
VRRM, MAXIMUM PEAK
REVERSE VOLTAGE
V
VRSM, MAXIMUM NON-REPETITIVE
PEAK REVERSE VOLTAGE
V
IRRM
AT 150 °C
mA
40EPF02PbF
200
300
7
40EPF04PbF
400
500
40EPF06PbF
600
700
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
IF(AV)
TC = 105 °C, 180° conduction half sine wave
40
A
Maximum peak one cycle
non-repetitive surge current
IFSM
10 ms sine pulse, rated VRRM applied
400
10 ms sine pulse, no voltage reapplied
475
Maximum I2t for fusing
I2t
10 ms sine pulse, rated VRRM applied
800
A2s
10 ms sine pulse, no voltage reapplied
1131
Maximum I2
√t for fusing
I2
√t
t = 0.1 ms to 10 ms, no voltage reapplied
11 310
A2
√s
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - 40EPF02

ManufacturerPart #DatasheetDescription
logo
International Rectifier
40EPF02 IRF-40EPF02 Datasheet
210Kb / 7P
FAST SOFT RECOVERY RECTIFIER DIODE
logo
Inchange Semiconductor ...
40EPF02 ISC-40EPF02 Datasheet
283Kb / 2P
Fast Recovery Rectifier Diode
More results

Similar Description - 40EPF02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30EPF10PBF VISHAY-30EPF10PBF Datasheet
293Kb / 9P
Fast Soft Recovery Rectifier Diode, 30 A
09-Dec-09
40EPF10PBF VISHAY-40EPF10PBF Datasheet
244Kb / 8P
Fast Soft Recovery Rectifier Diode, 40 A
08-Jul-08
80EPF02PBF VISHAY-80EPF02PBF Datasheet
245Kb / 8P
Fast Soft Recovery Rectifier Diode, 80 A
05-Jun-08
VS-40EPF06PBF VISHAY-VS-40EPF06PBF Datasheet
284Kb / 9P
Fast Soft Recovery Rectifier Diode, 40 A
18-Jun-13
VS-40EPF0.PBF VISHAY-VS-40EPF0.PBF Datasheet
310Kb / 10P
Fast Soft Recovery Rectifier Diode, 40 A
11-Feb-16
VS-40EPF1.PBF VISHAY-VS-40EPF1.PBF Datasheet
266Kb / 9P
Fast Soft Recovery Rectifier Diode, 40 A
11-Feb-16
VS-40EPF0-M3 VISHAY-VS-40EPF0-M3 Datasheet
212Kb / 7P
Fast Soft Recovery Rectifier Diode, 40 A
29-Nov-2019
VS-40EPF-M3 VISHAY-VS-40EPF-M3 Datasheet
200Kb / 7P
Fast Soft Recovery Rectifier Diode, 40 A
09-Feb-2021
VS-40EPF0-M3 VISHAY-VS-40EPF0-M3_V01 Datasheet
212Kb / 7P
Fast Soft Recovery Rectifier Diode, 40 A
29-Nov-2019
VS-40EPF1-M3 VISHAY-VS-40EPF1-M3_V01 Datasheet
262Kb / 9P
Fast Soft Recovery Rectifier Diode, 40 A
16-Jun-2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com