Electronic Components Datasheet Search
  English  ▼

X  

60CPU06-F Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 60CPU06-F
Description  Ultrafast Rectifier, FRED Pt, 2 x 30 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

60CPU06-F Datasheet(HTML) 3 Page - Vishay Siliconix

  60CPU06-F Datasheet HTML 1Page - Vishay Siliconix 60CPU06-F Datasheet HTML 2Page - Vishay Siliconix 60CPU06-F Datasheet HTML 3Page - Vishay Siliconix 60CPU06-F Datasheet HTML 4Page - Vishay Siliconix 60CPU06-F Datasheet HTML 5Page - Vishay Siliconix 60CPU06-F Datasheet HTML 6Page - Vishay Siliconix 60CPU06-F Datasheet HTML 7Page - Vishay Siliconix 60CPU06-F Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 94658
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 21-Jan-09
3
60CPU06-F
Ultrafast Rectifier,
FRED PtTM, 2 x 30 A
Vishay High Power Products
Fig. 1 - Typical Forward Voltage Drop Characteristics
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
1000
10
1
0.0
1.0
1.5
2.0
2.5
VF - Forward Voltage Drop (V)
T
J = 175 °C
T
J = 125 °C
T
J = 25 °C
0.5
100
0
100
200
300
600
VR - Reverse Voltage (V)
0.001
0.01
0.1
1
10
100
1000
T
J = 100 °C
T
J = 175 °C
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
T
J = 50 °C
T
J = 75 °C
500
400
1000
100
10
0
100
200
300
600
VR - Reverse Voltage (V)
500
400
0.001
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
t1 - Rectangular Pulse Duration (s)
.
Single pulse
(thermal resistance)
D = 0.50
D = 0.20
D = 0.10
D = 0.05
D = 0.02
D = 0.01
0.01



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com