Electronic Components Datasheet Search
  English  ▼

X  

DF15VD60 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # DF15VD60
Description  General Purpose Rectifiers(600V 15A)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

DF15VD60 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  DF15VD60 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd DF15VD60 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd DF15VD60 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd DF15VD60 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd DF15VD60 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DF15VD60
600V 15A
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
OUTLINE DIMENSIONS
RATINGS
SHINDENGEN
Case : STO-220
Unit : mm
Doubler
● SMT(STO-220)
● Doubler
● High reliability with superior moisture
resistance
● Applicable to Automatic Insertion
FEATURES
● PFC
● Switching power supply
● Home Appliance,Office Equipment
● Telecommunication,Factory automation
APPLICATION
General Purpose Rectifiers
●Absolute Maximum Ratings (If not specified Tc=25℃) 
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-40∼150
℃
Operating Junction Temperature
Tj
150
℃
Maximum Reverse Voltage
VRM
600
V
Average Rectified Forward Current
IO
50Hz sine wave, R-load, Tc=127℃
15
A
Peak Surge Forward Current
IFSM
50Hz sine wave, Non-repetitive 1cycle peak value, Tj=25℃
190
A
●Electrical Characteristics (If not specified Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Forward Voltage
VF
IF=7.5A, Pulse measurement, Rating of per diode
Max.1.05
V
Reverse Current
IR
VR=VRM,
Pulse measurement, Rating of per diode
Max.10
μA
Thermal Resistance
θjc junction to case  
Max.1.6
℃/W


Similar Part No. - DF15VD60

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
DF15VD60 SHINDENGEN-DF15VD60_17 Datasheet
404Kb / 4P
Surface Mounting Device Diode Array
More results

Similar Description - DF15VD60

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D15XB20 SHINDENGEN-D15XB20 Datasheet
303Kb / 6P
General Purpose Rectifiers(200V 15A)
D15XB60 SHINDENGEN-D15XB60 Datasheet
303Kb / 6P
General Purpose Rectifiers(600V 15A)
D15XB80 SHINDENGEN-D15XB80 Datasheet
303Kb / 6P
General Purpose Rectifiers(800V 15A)
D1F60 SHINDENGEN-D1F60 Datasheet
322Kb / 6P
General Purpose Rectifiers(600V 1A)
D1N60 SHINDENGEN-D1N60 Datasheet
300Kb / 5P
General Purpose Rectifiers(600V 1A)
D25XB60 SHINDENGEN-D25XB60 Datasheet
304Kb / 6P
General Purpose Rectifiers(600V 25A)
D3SB60 SHINDENGEN-D3SB60 Datasheet
298Kb / 6P
General Purpose Rectifiers(600V 4A)
D4F60 SHINDENGEN-D4F60 Datasheet
339Kb / 7P
General Purpose Rectifiers(600V 4A)
D5SB60 SHINDENGEN-D5SB60 Datasheet
325Kb / 6P
General Purpose Rectifiers(600V 6A)
D5SBA60 SHINDENGEN-D5SBA60 Datasheet
275Kb / 5P
General Purpose Rectifiers(600V 6A)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com