Electronic Components Datasheet Search
  English  ▼

X  

K1V18 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # K1V18
Description  Sidac
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

K1V18 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  K1V18 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd K1V18 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd K1V18 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd K1V18 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd K1V18 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd K1V18 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd K1V18 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd K1V18 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd K1V18 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
RATINGS
SHINDENGEN
OUTLINE DIMENSIONS
(Unit : mm)
Sidac
K1V18
Case : AX10
●Absolute Maximum Ratings
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-40~125
℃
Operating Junction Temperature
Tj
125
℃
Maximum Off-state Voltage
VDRM
150
V
RMS On-state Current
IT
Tl = 108℃, 50Hz sine wave (θ = 180°)
1
A
Surge On-state Current
ITSM
Tj = 25℃, 50Hz sine wave (θ = 180°),
20
A
non-repetitive 1-cycle peak value
Ta =25 ℃, pulse width to = 10 μs, sine wave,
25
Pulse On-state Current
ITRM
repetitive peak value
f = 1 kHz
A
Ta =25 ℃, pulse width to = 10 μs, sine wave,
80
repetitive peak value
f = 60 Hz
Critical Rate of Rise of On-state Current
diT/dt
80
A/μs
●Electrical Characteristics (Tl=25℃)
Item
Symbol
Conditions
Ratings
Unit
Breakover Voltage
VBO
IB = 0, 50Hz sine wave
165~200
V
Off-state Current
IDRM
VD = VDRM
Max 10
μA
Breakover Current
IBO
Max 0.5
mA
Holding Current
IH
TYP 50
mA
On-state Voltage
VT
IT = 1A
Max 1.5
V
Switching Resistance
RS
Min 0.1
kΩ
Thermal Resistance
θjl
Junction to lead
Max 15
℃/W
●Standard Design with P.C.B.
Item
Symbol
Conditions
Standard
Unit
RMS On-state Current
IT
Assembled in P.C.B., Ta = 25℃,
1
A
soldering land 3mmφ


Similar Part No. - K1V18

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
K1V10 SHINDENGEN-K1V10 Datasheet
413Kb / 10P
Sidac
K1V10 SHINDENGEN-K1V10 Datasheet
293Kb / 2P
SIDAC
K1V10 SHINDENGEN-K1V10 Datasheet
309Kb / 2P
SIDAC
K1V10 SHINDENGEN-K1V10_10 Datasheet
293Kb / 2P
SIDAC
K1V10 SHINDENGEN-K1V10_17 Datasheet
1Mb / 4P
Absolute Maximum Ratings
More results

Similar Description - K1V18

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
K1V10 SHINDENGEN-K1V10 Datasheet
413Kb / 10P
Sidac
K1V16 SHINDENGEN-K1V16 Datasheet
414Kb / 10P
Sidac
K1V26 SHINDENGEN-K1V26 Datasheet
415Kb / 10P
Sidac
K1V36 SHINDENGEN-K1V36 Datasheet
419Kb / 10P
Sidac
K1V5 SHINDENGEN-K1V5 Datasheet
413Kb / 10P
Sidac
K1V8 SHINDENGEN-K1V8 Datasheet
413Kb / 10P
Sidac
K1VA10 SHINDENGEN-K1VA10 Datasheet
415Kb / 10P
Sidac
K1V10 SHINDENGEN-K1V10_10 Datasheet
293Kb / 2P
SIDAC
K1V14 SHINDENGEN-K1V14_10 Datasheet
288Kb / 2P
SIDAC
logo
UN Semiconducctor INC
KXXXXSD1 UNSEMI-KXXXXSD1 Datasheet
2Mb / 5P
Sidac
Revision March 1,2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com