Electronic Components Datasheet Search
  English  ▼

X  

80EPF06 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 80EPF06
Description  Fast Soft Recovery Rectifier Diode, 80 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

80EPF06 Datasheet(HTML) 1 Page - Vishay Siliconix

  80EPF06 Datasheet HTML 1Page - Vishay Siliconix 80EPF06 Datasheet HTML 2Page - Vishay Siliconix 80EPF06 Datasheet HTML 3Page - Vishay Siliconix 80EPF06 Datasheet HTML 4Page - Vishay Siliconix 80EPF06 Datasheet HTML 5Page - Vishay Siliconix 80EPF06 Datasheet HTML 6Page - Vishay Siliconix 80EPF06 Datasheet HTML 7Page - Vishay Siliconix 80EPF06 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 94106
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 05-Jun-08
1
Fast Soft Recovery
Rectifier Diode, 80 A
80EPF..PbF Soft Recovery Series
Vishay High Power Products
FEATURES/DESCRIPTION
The 80EPF..PbF fast soft recovery rectifier series
has been optimized for combined short reverse
recovery time and low forward voltage drop
.
The glass passivation ensures stable reliable
operation in the most severe temperature and power cycling
conditions.
This product series has been designed and qualified for
Industrial level and lead (Pb)-free.
APPLICATIONS
• Output
rectification
and
freewheeling
in
inverters,
choppers and converters
• Input rectifications where severe restrictions on conducted
EMI should be met
PRODUCT SUMMARY
VF at 40 A
< 1.1 V
trr
70 ns
VRRM
200 to 600 V
TO-247AC
2, 4
Anode
1
Anode
3
Base
common
cathode
Available
Pb-free
RoHS*
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
VRRM
200 to 600
V
IF(AV)
Sinusoidal waveform
80
A
IFSM
1000
trr
1 A, - 100 A/µs
70
ns
VF
40 A, TJ = 25 °C
1.1
V
TJ
Range
- 40 to 150
°C
VOLTAGE RATINGS
PART NUMBER
VRRM, MAXIMUM PEAK REVERSE
VOLTAGE
V
VRSM, MAXIMUM NON-REPETITIVE
PEAK REVERSE VOLTAGE
V
IRRM
AT 150 °C
mA
80EPF02PbF
200
300
17
80EPF04PbF
400
500
80EPF06PbF
600
700
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
IF(AV)
TC = 95 °C, 180° conduction half sine wave
80
A
Maximum peak one cycle
non-repetitive surge current
IFSM
10 ms sine pulse, rated VRRM applied
850
10 ms sine pulse, no voltage reapplied
1000
Maximum I2t for fusing
I2t
10 ms sine pulse, rated VRRM applied
3610
A2s
10 ms sine pulse, no voltage reapplied
5100
Maximum I2
√t for fusing
I2
√t
t = 0.1 to 10 ms, no voltage reapplied
51 000
A2
√s
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - 80EPF06

ManufacturerPart #DatasheetDescription
logo
International Rectifier
80EPF06 IRF-80EPF06 Datasheet
144Kb / 7P
FAST SOFT RECOVERY RECTIFIER DIODE
logo
Inchange Semiconductor ...
80EPF06 ISC-80EPF06 Datasheet
316Kb / 2P
Fast Soft Recovery Rectifier Diode
More results

Similar Description - 80EPF06

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30EPF10PBF VISHAY-30EPF10PBF Datasheet
293Kb / 9P
Fast Soft Recovery Rectifier Diode, 30 A
09-Dec-09
80EPF10PBF VISHAY-80EPF10PBF Datasheet
209Kb / 8P
Fast Soft Recovery Rectifier Diode, 80 A
05-Jun-08
VS-10ETF0PBF VISHAY-VS-10ETF0PBF Datasheet
252Kb / 8P
Fast Soft Recovery Rectifier Diode, 10 A
11-Feb-16
VS-60.PF0.PBF VISHAY-VS-60.PF0.PBF Datasheet
264Kb / 9P
Fast Soft Recovery Rectifier Diode, 60 A
11-Feb-16
VS-10ETF1PBF VISHAY-VS-10ETF1PBF Datasheet
251Kb / 8P
Fast Soft Recovery Rectifier Diode, 10 A
11-Feb-16
VS-20ETF0PBF VISHAY-VS-20ETF0PBF Datasheet
337Kb / 8P
Fast Soft Recovery Rectifier Diode, 20 A
11-Feb-16
VS-80APF0PBF VISHAY-VS-80APF0PBF Datasheet
241Kb / 8P
Fast Soft Recovery Rectifier Diode, 80 A
11-Feb-16
VS-80APF1PBF VISHAY-VS-80APF1PBF Datasheet
206Kb / 8P
Fast Soft Recovery Rectifier Diode, 80 A
06-Feb-14
VS-80APF0-M3 VISHAY-VS-80APF0-M3 Datasheet
247Kb / 8P
Fast Soft Recovery Rectifier Diode, 80 A
27-Feb-2019
VS-80APF1-M3 VISHAY-VS-80APF1-M3 Datasheet
216Kb / 8P
Fast Soft Recovery Rectifier Diode, 80 A
24-Jan-2020
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com