Electronic Components Datasheet Search
  English  ▼

X  

85EPF12 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 85EPF12
Description  Fast Soft Recovery Rectifier Diode, 85 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

85EPF12 Datasheet(HTML) 1 Page - Vishay Siliconix

  85EPF12 Datasheet HTML 1Page - Vishay Siliconix 85EPF12 Datasheet HTML 2Page - Vishay Siliconix 85EPF12 Datasheet HTML 3Page - Vishay Siliconix 85EPF12 Datasheet HTML 4Page - Vishay Siliconix 85EPF12 Datasheet HTML 5Page - Vishay Siliconix 85EPF12 Datasheet HTML 6Page - Vishay Siliconix 85EPF12 Datasheet HTML 7Page - Vishay Siliconix 85EPF12 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
VS-85EPF12 Soft Recovery Series
www.vishay.com
Vishay Semiconductors
Revision: 17-Jun-11
1
Document Number: 93159
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fast Soft Recovery Rectifier Diode, 85 A
FEATURES
• 150 °C max. operating junction temperature
• Output
rectification
and
freewheeling
in
inverters, choppers and converters
• Input rectifications where severe restrictions
on conducted EMI should be met
• Screw mounting only
• Designed and qualified according to JEDEC-JESD47
• PowerTab® package
• Compliant to RoHS Directive 2002/95/EC
DESCRIPTION
The VS-85EPF12 fast soft recovery rectifier series has been
optimized for combined short reverse recovery time and low
forward voltage drop.
The glass passivation ensures stable reliable operation in
the most severe temperature and power cycling conditions.
Available in the new PowerTab® package, this new series is
suitable for a large range of applications combining
excellent die to footprint ratio and sturdeness connectivity
for use in high current environments.
PRODUCT SUMMARY
Package
PowerTab®
IF(AV)
85 A
VR
1200 V
VF at IF
1.36 V
IFSM
110 A
trr
95 ns
TJ max.
150 °C
Diode variation
Single die
Snap factor
0.5
Cathode
Anode
PowerTab®
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rect. conduction 50 % duty cycle at TC = 85 °C
85
A
IF(RMS)
160
VRRM
Range
1200
V
IFSM
110
A
VF
100 A, TJ = 25 °C
1.4
V
trr
1 A, - 100 A/μs
95
ns
TJ
Range
- 40 to 150
°C
VOLTAGE RATINGS
TYPE NUMBER
VRRM, MAXIMUM PEAK
REVERSE VOLTAGE
V
VRSM, MAXIMUM NON-REPETITIVE
PEAK REVERSE VOLTAGE
V
IRRM
AT 150 °C
mA
VS-85EPF12
1200
1300
15
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
IF(AV)
TC = 85 °C, 180° conduction half sine wave
85
A
Maximum peak one cycle
non-repetitive surge current
IFSM
10 ms sine pulse, rated VRRM applied
1100
10 ms sine pulse, no voltage reapplied
1250
Maximum I2t for fusing
I2t
10 ms sine pulse, rated VRRM applied
5000
A2s
10 ms sine pulse, no voltage reapplied
7000
Maximum I2
t for fusing
I2
t
t = 0.1 ms to 10 ms, no voltage reapplied
70 000
A2
s


Similar Part No. - 85EPF12

ManufacturerPart #DatasheetDescription
logo
International Rectifier
85EPF12 IRF-85EPF12 Datasheet
144Kb / 7P
FAST SOFT RECOVERY RECTIFIER DIODE
More results

Similar Description - 85EPF12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30EPF10PBF VISHAY-30EPF10PBF Datasheet
293Kb / 9P
Fast Soft Recovery Rectifier Diode, 30 A
09-Dec-09
80EPF02PBF VISHAY-80EPF02PBF Datasheet
245Kb / 8P
Fast Soft Recovery Rectifier Diode, 80 A
05-Jun-08
VS-10ETF0PBF VISHAY-VS-10ETF0PBF Datasheet
252Kb / 8P
Fast Soft Recovery Rectifier Diode, 10 A
11-Feb-16
VS-60.PF0.PBF VISHAY-VS-60.PF0.PBF Datasheet
264Kb / 9P
Fast Soft Recovery Rectifier Diode, 60 A
11-Feb-16
VS-10ETF1PBF VISHAY-VS-10ETF1PBF Datasheet
251Kb / 8P
Fast Soft Recovery Rectifier Diode, 10 A
11-Feb-16
VS-20ETF0PBF VISHAY-VS-20ETF0PBF Datasheet
337Kb / 8P
Fast Soft Recovery Rectifier Diode, 20 A
11-Feb-16
VS-20ETFFPPBF VISHAY-VS-20ETFFPPBF Datasheet
222Kb / 8P
Fast Soft Recovery Rectifier Diode, 20 A
11-Feb-16
VS-10ETF12THM3 VISHAY-VS-10ETF12THM3 Datasheet
244Kb / 7P
Fast Soft Recovery Rectifier Diode, 10 A
27-Mar-2019
VS-10ETF10FP-M3 VISHAY-VS-10ETF10FP-M3 Datasheet
231Kb / 8P
Fast Soft Recovery Rectifier Diode, 10 A
15-Sep-17
VS-90APF06L-M3 VISHAY-VS-90APF06L-M3 Datasheet
198Kb / 7P
Fast Soft Recovery Rectifier Diode, 90 A
06-Jul-2018
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com