Electronic Components Datasheet Search
  English  ▼

X  

FM24CL04B Datasheet(PDF) 1 Page - Ramtron International Corporation

Part # FM24CL04B
Description  4Kb Serial 3V F-RAM Memory
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM24CL04B Datasheet(HTML) 1 Page - Ramtron International Corporation

  FM24CL04B Datasheet HTML 1Page - Ramtron International Corporation FM24CL04B Datasheet HTML 2Page - Ramtron International Corporation FM24CL04B Datasheet HTML 3Page - Ramtron International Corporation FM24CL04B Datasheet HTML 4Page - Ramtron International Corporation FM24CL04B Datasheet HTML 5Page - Ramtron International Corporation FM24CL04B Datasheet HTML 6Page - Ramtron International Corporation FM24CL04B Datasheet HTML 7Page - Ramtron International Corporation FM24CL04B Datasheet HTML 8Page - Ramtron International Corporation FM24CL04B Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Preliminary
This is a product that has fixed target specifications but are subject
Ramtron International Corporation
to change pending characterization results.
1850 Ramtron Drive, Colorado Springs, CO 80921
(800) 545-FRAM, (719) 481-7000
Rev. 1.3
www.ramtron.com
Feb. 2011
Page 1 of 12
FM24CL04B
4Kb Serial 3V F-RAM Memory
Features
4K bit Ferroelectric Nonvolatile RAM
•
Organized as 512 x 8 bits
•
High Endurance 1014 Read/Writes
•
38 Year Data Retention
•
NoDelay™ Writes
•
Advanced High-Reliability Ferroelectric Process
Fast Two-wire Serial Interface
•
Up to 1 MHz maximum bus frequency
•
Direct hardware replacement for EEPROM
•
Supports legacy timing for 100 kHz & 400 kHz
Low Power Operation
•
2.7V to 3.65V operation
•
100
µA Active Current (100 kHz)
•
3
µA (typ.) Standby Current
Industry Standard Configuration
•
Industrial Temperature -40
° C to +85° C
•
8-pin “Green”/RoHS SOIC (-G)
Description
The FM24CL04B is a 4-kilobit nonvolatile memory
employing an advanced ferroelectric process. A
ferroelectric random access memory or FRAM is
nonvolatile and performs reads and writes like a
RAM. It provides reliable data retention for 38 years
while eliminating the complexities, overhead, and
system level reliability problems caused by EEPROM
and other nonvolatile memories.
The FM24CL04B performs write operations at bus
speed. No write delays are incurred. Data is written to
the memory array in the cycle after it has been
successfully transferred to the device. The next bus
cycle may commence immediately without the need
for data polling. The FM24CL04B is capable of
supporting 1014 read/write cycles, or a million times
more write cycles than EEPROM.
These capabilities make the FM24CL04B ideal for
nonvolatile memory applications requiring frequent
or rapid writes. Examples range from data collection
where the number of write cycles may be critical, to
demanding industrial controls where the long write
time of EEPROM can cause data loss. The
combination of features allows more frequent data
writing with less overhead for the system.
The FM24CL04B provides substantial benefits to
users of serial EEPROM, yet these benefits are
available in a hardware drop-in replacement. The
FM24CL04B is available in an industry standard 8-
pin SOIC package and uses a familiar two-wire
protocol. The specifications are guaranteed over an
industrial temperature range of -40°C to +85°C.
Pin Configuration
Pin Names
Function
A1-A2
Device Select Address 1 and 2
SDA
Serial Data/Address
SCL
Serial Clock
WP
Write Protect
VSS
Ground
VDD
Supply Voltage
Ordering Information
FM24CL04B-G
“Green”/RoHS 8-pin SOIC
FM24CL04B-GTR
“Green”/RoHS 8-pin SOIC,
Tape & Reel
NC
A1
A2
VSS
VDD
WP
SCL
SDA
1
2
3
4
8
7
6
5


Similar Part No. - FM24CL04B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM24CL04B CYPRESS-FM24CL04B Datasheet
334Kb / 12P
4Kb Serial 3V F-RAM Memory
FM24CL04B-G CYPRESS-FM24CL04B-G Datasheet
334Kb / 12P
4Kb Serial 3V F-RAM Memory
FM24CL04B-G CYPRESS-FM24CL04B-G Datasheet
325Kb / 13P
4Kb Serial 3V F-RAM Memory
FM24CL04B-GTR CYPRESS-FM24CL04B-GTR Datasheet
334Kb / 12P
4Kb Serial 3V F-RAM Memory
FM24CL04B-GTR CYPRESS-FM24CL04B-GTR Datasheet
325Kb / 13P
4Kb Serial 3V F-RAM Memory
More results

Similar Description - FM24CL04B

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM24C04C RAMTRON-FM24C04C Datasheet
261Kb / 12P
4Kb Serial 5V F-RAM Memory
FM25L04B RAMTRON-FM25L04B Datasheet
208Kb / 14P
4Kb Serial 3V F-RAM Memory
FM25040B RAMTRON-FM25040B Datasheet
313Kb / 13P
4Kb Serial 5V F-RAM Memory
FM25040C RAMTRON-FM25040C Datasheet
266Kb / 13P
4Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24CL04B CYPRESS-FM24CL04B Datasheet
334Kb / 12P
4Kb Serial 3V F-RAM Memory
FM25L04B CYPRESS-FM25L04B Datasheet
469Kb / 14P
4Kb Serial 3V F-RAM Memory
FM25040B CYPRESS-FM25040B Datasheet
449Kb / 13P
4Kb Serial 5V F-RAM Memory
FM24C04B CYPRESS-FM24C04B_13 Datasheet
324Kb / 13P
4Kb Serial 5V F-RAM Memory
FM24CL04B CYPRESS-FM24CL04B_13 Datasheet
325Kb / 13P
4Kb Serial 3V F-RAM Memory
FM25L04B CYPRESS-FM25L04B Datasheet
412Kb / 14P
4Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com