Electronic Components Datasheet Search
  English  ▼

X  

FM24CL64B Datasheet(PDF) 2 Page - Ramtron International Corporation

Part # FM24CL64B
Description  64Kb Serial 3V F-RAM Memory
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM24CL64B Datasheet(HTML) 2 Page - Ramtron International Corporation

  FM24CL64B Datasheet HTML 1Page - Ramtron International Corporation FM24CL64B Datasheet HTML 2Page - Ramtron International Corporation FM24CL64B Datasheet HTML 3Page - Ramtron International Corporation FM24CL64B Datasheet HTML 4Page - Ramtron International Corporation FM24CL64B Datasheet HTML 5Page - Ramtron International Corporation FM24CL64B Datasheet HTML 6Page - Ramtron International Corporation FM24CL64B Datasheet HTML 7Page - Ramtron International Corporation FM24CL64B Datasheet HTML 8Page - Ramtron International Corporation FM24CL64B Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
FM24CL64B - 64Kb 3V I2C F-RAM (Automotive Temp.)
Rev. 1.1
June 2011
Page 2 of 12
Address
Latch
1K x 64
FRAM Array
Data Latch
8
SDA
Counter
Serial to Parallel
Converter
Control Logic
SCL
WP
A0-A2
Figure 1. FM24CL64B Block Diagram
Pin Description
Pin Name
Type
Pin Description
A0-A2
Input
Device Select Address 0-2: These pins are used to select one of up to 8 devices of
the same type on the same two-wire bus. To select the device, the address value on
the two pins must match the corresponding bits contained in the slave address. The
address pins are pulled down internally.
SDA
I/O
Serial Data/Address: This is a bi-directional pin for the two-wire interface. It is
open-drain and is intended to be wire-OR‟d with other devices on the two-wire bus.
The input buffer incorporates a Schmitt trigger for noise immunity and the output
driver includes slope control for falling edges. An external pull-up resistor is
required.
SCL
Input
Serial Clock: The serial clock pin for the two-wire interface. Data is clocked out of
the part on the falling edge, and into the device on the rising edge. The SCL input
also incorporates a Schmitt trigger input for noise immunity.
WP
Input
Write Protect: When tied to VDD, addresses in the entire memory map will be write-
protected. When WP is connected to ground, all addresses may be written. This pin
is pulled down internally.
VDD
Supply
Supply Voltage
VSS
Supply
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com