| Electronic Components Datasheet Search |
|
FM31L278 Datasheet(PDF) 13 Page - Ramtron International Corporation |
|
|
|||||||||||||||||||||||||||||
FM31L278 Datasheet(HTML) 13 Page - Ramtron International Corporation |
|
13 / 26 page ![]() FM31L278/L276/L274/L272 - 3V I2C Companion Rev. 2.1 Sept. 2011 Page 13 of 26 0Ch Event Counter Control D7 D6 D5 D4 D3 D2 D1 D0 - - - - RC CC C2P C1P RC Read Counter. Setting this bit to 1 takes a snapshot of the four counters bytes allowing the system to read the values without missing count events. The RC bit will be automatically cleared. CC Counter Cascade. When CC=0, the event counters operate independently according to the edge programmed by C1P and C2P respectively. When CC=1, the counters are cascaded to create one 32-bit counter. The registers of Counter 2 represent the most significant 16-bits of the counter and CNT1 is the controlling input. Bit C2P is “don‟t care” when CC=1. Battery-backed, read/write. C2P CNT2 detects falling edges when C2P = 0, rising edges when C2P = 1. C2P is “don‟t care” when CC=1. The value of Event Counter 2 may inadvertently increment if C2P is changed. Battery-backed, read/write. C1P CNT1 detects falling edges when C1P = 0, rising edges when C1P = 1. The value of Event Counter 1 may inadvertently increment if C1P is changed. Battery-backed, read/write. 0Bh Companion Control D7 D6 D5 D4 D3 D2 D1 D0 SNL - FC WP1 WP0 VBC - VTP SNL Serial Number Lock. Setting to a 1 makes registers 11h to 18h and SNL permanently read-only. SNL cannot be cleared once set to 1. Nonvolatile, read/write. FC Fast Charge: Setting FC to „1‟ (and VBC=1) causes a ~1 mA trickle charge current to be supplied on V BAK. Clearing VBC to „0‟ disables the charge current. Nonvolatile, read/write. WP1-0 Write Protect. These bits control the write protection of the memory array. Nonvolatile, read/write. Write protect addresses WP1 WP0 None 0 0 Bottom 1/4 0 1 Bottom 1/2 1 0 Full array 1 1 VBC VBAK Charger Control. Setting VBC to „1‟ (and FC=0) causes a ~80 µA (1 mA if FC=1) trickle charge current to be supplied on VBAK. Clearing VBC to „0‟ disables the charge current. Nonvolatile, read/write. VTP VTP select. This bit controls the reset trip point for the low VDD reset function. Nonvolatile, read/write. Trip Voltage VTP 2.6V 0 2.9V 1 0Ah Watchdog Control D7 D6 D5 D4 D3 D2 D1 D0 WDE - - WDT4 WDT3 WDT2 WDT1 WDT0 WDE Watchdog Enable. When WDE=1, a watchdog timer fault will cause the /RST signal to go active. When WDE = 0 the timer runs but has no effect on /RST, however the WTR flag will be set when a fault occurs. Note as the timer is free-running, users should restart the timer using WR3-0 prior to setting WDE=1. This assures a full watchdog timeout interval occurs. Nonvolatile, read/write. WDT4-0 Watchdog Timeout. Indicates the minimum watchdog timeout interval with 100 ms resolution. New watchdog timeouts are loaded when the timer is restarted by writing the 1010b pattern to WR3-0. Nonvolatile, read/write. Watchdog timeout WDT4 WDT3 WDT2 WDT1 WDT0 Invalid – default 100 ms 0 0 0 0 0 100 ms 0 0 0 0 1 200 ms 0 0 0 1 0 300 ms 0 0 0 1 1 . . . 2000 ms 1 0 1 0 0 2100 ms 1 0 1 0 1 2200 ms 1 0 1 1 0 . . . 2900 ms 1 1 1 0 1 3000 ms 1 1 1 1 0 Disable counter 1 1 1 1 1 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |