Electronic Components Datasheet Search
  English  ▼

X  

533 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 533
Description  7/8" (22.2 mm) Multiturn Wirewound 533: 3 Turns/534: 10 Turns/535: 5 Turns
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

533 Datasheet(HTML) 3 Page - Vishay Siliconix

  533_10 Datasheet HTML 1Page - Vishay Siliconix 533_10 Datasheet HTML 2Page - Vishay Siliconix 533_10 Datasheet HTML 3Page - Vishay Siliconix 533_10 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Model 533, 534, 535
7/8" (22.2 mm) Multiturn Wirewound
533: 3 Turns/534: 10 Turns/535: 5 Turns
Vishay Spectrol
Document Number: 57065
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 06-Apr-10
125
RESISTANCE ELEMENT DATA
RESISTANCE VALUE
(
Ω)
RESOLUTION
%
OHMS PER TURN
MAXIMUM CURRENT
AT 70 °C AMBIENT
(mA)
MAXIMUM VOLTAGE
ACROSS COIL
(V)
533
534
535
533
534
535
533
534
535
533
534
535
533
534
535
50
-
50
0.149
-
0.120
0.0746
-
0.0603
141.0
-
173.0
7.07
-
8.66
100
100
100
0.111
0.060
0.075
0.1114
0.0603
0.0746
100.0
141.0
122.0
10.0
14.1
12.2
200
200
200
0.097
0.037
0.061
0.1954
0.0746
0.1220
70.7
100.0
86.6
14.1
20.0
17.3
500
500
500
0.069
0.031
0.049
0.3424
0.1520
0.2459
44.7
63.2
54.7
22.4
31.6
27.4
1K
1K
1K
0.063
0.025
0.041
0.6331
0.2459
0.4113
31.6
44.7
38.7
31.6
44.7
38.7
2K
2K
2K
0.041
0.021
0.031
0.8206
0.4113
0.6331
22.4
31.6
27.4
44.7
63.2
54.8
5K
5K
5K
0.044
0.016
0.034
2.2330
0.8206
1.7230
14.1
20.0
17.3
70.7
100.0
86.6
10K
10K
10K
0.034
0.017
0.030
3.4510
1.7230
3.0160
10.0
14.1
12.2
100.0
141.0
122.0
20K
20K
20K
0.031
0.015
0.020
6.1790
3.0160
3.9910
7.07
10.0
8.66
141.0
200.0
173.0
-
50K
50K
-
0.009
0.015
-
4.6690
7.4560
-
6.32
5.47
-
316.0
274.0
-
100K
-
-
0.007
-
-
7.4560
-
-
4.47
-
-
447.0
-
-
---
--
---
---
---
-
---
--
---
---
---



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com