Electronic Components Datasheet Search
  English  ▼

X  

535 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 535
Description  7/8" (22.2 mm) Multiturn Wirewound 533: 3 Turns/534: 10 Turns/535: 5 Turns
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

535 Datasheet(HTML) 1 Page - Vishay Siliconix

  535 Datasheet HTML 1Page - Vishay Siliconix 535 Datasheet HTML 2Page - Vishay Siliconix 535 Datasheet HTML 3Page - Vishay Siliconix 535 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Model 533, 534, 535
Vishay Spectrol
Document Number: 57065
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 06-Apr-10
123
7/8" (22.2 mm) Multiturn Wirewound
533: 3 Turns/534: 10 Turns/535: 5 Turns
Note
• The color of this product may either be black (US market) or blue
(other regions)
FEATURES
• Bushing and servo mount designs available
• Special resistance tolerances to 1 %
• Rear shaft extensions and support bearing
• Metric shaft available
• Dual gang configuration and concentric shafts
• High torque, center tap, slipping clutch on request
• Special markings and front shaft extensions
RoHS
COMPLIANT
ELECTRICAL SPECIFICATIONS
PARAMETER
MODEL 533
MODEL 534
MODEL 535
Resistance Range - Standard Values
50
Ω to 20 kΩ
100
Ω to 100 kΩ
50
Ω to 50 kΩ
Capability Range
5
Ω to 60 kΩ
10
Ω to 200 kΩ
5
Ω to 100 kΩ
Standard Tolerance
± 5 %
± 5 %
± 5 %
Linearity (Independent)
± 0.25 %
± 0.25 %
± 0.25 %
Noise
100
Ω ENR
100
Ω ENR
100
Ω ENR
Rotation (Electrical and Mechanical)
1080° + 10°
- 0°
3600° + 10°
- 0°
1800° + 10°
- 0°
Power Rating (at 70 °C)
1.0 W
2.0 W
1.5 W
Insulation Resistance
1000 M
Ω minimum 500 VDC
Dielectric Strength
1000 VRMS minimum 60 Hz
Absolute Minimum Resistance
Not to exceed linearity x total resistance or 1
Ω,
whichever is greater
Temperature Coefficient
20 ppm/°C (standard values, wire only)
End Voltage
0.25 % of total applied voltage, maximum
Phasing
CCW end points - section 2 phased to section 1 within ± 2°
Taps
Center tap only
MARKING
Unit
Identification
Manufacturer’s name and model number,
resistance value and tolerance, linearity
specification date code and terminal
identification
RESISTANCE VALUES
Ohms
533:
50R, 100R, 200R, 500R, 1K, 2K, 5K, 10K, 20K
534:
100R, 200R, 500R, 1K, 2K, 5K, 10K, 20K, 50K, 100K
535:
50R, 100R, 200R, 500R, 1K, 2K, 5K, 10K, 20K, 50K
ORDERING INFORMATION/DESCRIPTION
The Models 533 (3 turns), 534 (10 turns) and 535 (5 turns) can be ordered by stating
534
B
2
10K
20K
5 %
C
BO10
e4
MODEL
MOUNTING
NUMBER OF
SECTIONS
OHMIC
VALUE
SECTION
No 1
OHMIC
VALUE
SECTION
No 2
TOLERANCE
ON OHMIC
VALUE
LINEARITY
PACKAGING
LEAD FINISH
B: Bushing
S: Servo
± 0.25 %
(STD)
Box of
10 pieces
SAP PART NUMBERING GUIDELINES
534
B
2
103
203
J
C
B10
MODEL
STYLE
NUMBER OF
SECTIONS
OHMIC VALUE
SECTION No 1
OHMIC VALUE
SECTION No 2
TOLERANCE ON
OHMIC VALUE
LINEARITY
PACKAGING
B: Bushing
S: Servo
103 = 10K
203 = 20K
J: ± 5 %
F: ± 1 %
C: ± 0.25 %
CUSTOM:
L: ± 0.20 %
D: ± 0.1 %
Box of
10 pieces


Similar Part No. - 535

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
535 VISHAY-535 Datasheet
85Kb / 4P
(22.2 mm) Multi Turn Wirewound Potentiometer - 533: 3 Turns/534: 10 Turns/535: 5 Turns
18-Mar-14
logo
Intel Corporation
535 INTEL-535 Datasheet
740Kb / 31P
Intel짰 Solid-State Drive 535 Series (2.5-inch)
Sept 2015
logo
Vishay Siliconix
535 VISHAY-535 Datasheet
98Kb / 4P
(22.2 mm) Multi Turn Wirewound Potentiometer - 533: 3 Turns / 534: 10 Turns / 535: 5 Turns
17-May-2018
logo
Alpha Wire
535 ALPHAWIRE-535 Datasheet
379Kb / 2P
RoHS-Compliant Commencing With 2/25/2008 Production
logo
France Joint
535 FRANCEJOINT-535 Datasheet
779Kb / 4P
PISTON SEALS
More results

Similar Description - 535

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CT-23 BOURNS-CT-23 Datasheet
187Kb / 1P
Turns-Counting Dial
H-550 BOURNS-H-550 Datasheet
26Kb / 1P
Turns-Counting Dial
logo
Bi technologies
2640 BITECH-2640 Datasheet
48Kb / 2P
7/8 Diameter Analog Turns Counting Dial
logo
Vishay Siliconix
MODEL533 VISHAY-MODEL533 Datasheet
119Kb / 4P
7/8inch (22 mm) Multiturn Wirewound 533: 3 Turns/534: 10 Turns/535: 5 Turns
02-Jul-07
logo
Rhombus Industries Inc.
T-1041 RHOMBUS-IND-T-1041 Datasheet
35Kb / 1P
Turns Ratio: 10 Turns : 3 Turns
7/15/95
logo
Vishay Siliconix
533-1-1-103 VISHAY-533-1-1-103 Datasheet
103Kb / 4P
(22.2 mm) Multi Turn Wirewound Potentiometer - 533: 3 Turns/534: 10 Turns/535: 5 Turns
17-Apr-13
535B1502JCB VISHAY-535B1502JCB Datasheet
93Kb / 4P
7/8" (22.2 mm) Multiturn Wirewound 533: 3 Turns/534: 10 Turns/535: 5 Turns
06-Apr-10
534B VISHAY-534B Datasheet
85Kb / 4P
(22.2 mm) Multi Turn Wirewound Potentiometer - 533: 3 Turns/534: 10 Turns/535: 5 Turns
18-Mar-14
logo
Copal Electronics
TM-7 COPAL-TM-7 Datasheet
277Kb / 4P
3 TURNS CERMET TRIMMERS
logo
Vishay Siliconix
533 VISHAY-533_V01 Datasheet
98Kb / 4P
(22.2 mm) Multi Turn Wirewound Potentiometer - 533: 3 Turns / 534: 10 Turns / 535: 5 Turns
17-May-2018
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com