Electronic Components Datasheet Search
  English  ▼

X  

600D Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 600D
Description  Aluminum Capacitors Miniature, Axial Lead, High Reliability
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

600D Datasheet(HTML) 2 Page - Vishay Siliconix

  600D Datasheet HTML 1Page - Vishay Siliconix 600D Datasheet HTML 2Page - Vishay Siliconix 600D Datasheet HTML 3Page - Vishay Siliconix 600D Datasheet HTML 4Page - Vishay Siliconix 600D Datasheet HTML 5Page - Vishay Siliconix 600D Datasheet HTML 6Page - Vishay Siliconix 600D Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
600D
Vishay Sprague
Aluminum Capacitors
Miniature, Axial Lead, High Reliability
www.vishay.com
For technical questions, contact: aluminumcaps4@vishay.com
Document Number: 42047
2
Revision: 31-Aug-11
ORDERING EXAMPLE
Electrolytic capacitor 600D series:
600D 227 F 010 DE 4
Note
• For lead (Pb)-free/RoHS compliant products add suffix “E3” to part number.
Example: 600D227F010DE4E3
DESCRIPTION
CODE
EXPLANATION
600D
product type
227
capacitance value (220 µF)
F
tolerance (F = - 10 %/+ 50 %)
010
voltage rating at 85 °C (010 = 10 V)
DE
can size (see dimensions table)
4
sleeve and sealing (4 = polyester sleeve)
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE
(µF)
PART NUMBER
NOMINAL CASE SIZE
D x L
MAX. ESR
AT + 25 °C
120 Hz
MAX. RIPPLE
AT + 125 °C
120 Hz
5 WVDC AT + 85 °C . . . 3 WVDC AT + 125 °C
220
600D227F005KD4
0.281 x 0.937 [7.14 x 23.8]
1.75
0.127
470
600D477F005DD4
0.375 x 0.937 [9.53 x 23.8]
0.813
0.221
680
600D687F005DE4
0.375 x 1.126 [9.53 x 28.6]
0.564
0.286
1000
600D108F005DG4
0.375 x 1.378 [9.53 x 35.0]
0.388
0.377
1200
600D128F005DJ4
0.375 x 1.626 [9.53 x 41.3]
0.32
0.477
1800
600D188F005DL4
0.375 x 2.185 [9.53 x 55.5]
0.21
0.631
2700
600D278F005DX4
0.375 x 2.685 [9.53 x 68.2]
0.14
0.851
7 WVDC AT + 85 °C . . . 5 WVDC AT + 125 °C
180
600D187F007KD4
0.281 x 0.937 [7.14 x 23.8]
2.121
0.115
390
600D397F007DD4
0.375 x 0.937 [9.53 x 23.8]
0.972
0.202
470
600D477F007DE4
0.375 x 1.126 [9.53 x 28.6]
0.813
0.238
680
600D687F007DG4
0.375 x 1.378 [9.53 x 35.0]
0.564
0.312
1000
600D108F007DJ4
0.375 x 1.626 [9.53 x 41.3]
0.388
0.406
1500
600D158F007DL4
0.375 x 2.185 [9.53 x 55.5]
0.26
0.567
2200
600D228F007DX4
0.375 x 2.685 [9.53 x 68.2]
0.175
0.761
10 WVDC AT + 85 °C . . . 7 WVDC AT + 125 °C
120
600D127F010KD4
0.281 x 0.937 [7.14 x 23.8]
3.18
0.094
330
600D337F010DD4
0.375 x 0.937 [9.53 x 23.8]
1.16
0.185
390
600D397F010DE4
0.375 x 1.126 [9.53 x 28.6]
0.972
0.218
560
600D567F010DG4
0.375 x 1.378 [9.53 x 35.0]
0.673
0.286
820
600D827F010DJ4
0.375 x 1.626 [9.53 x 41.3]
0.46
0.373
1200
600D128F010DL4
0.375 x 2.185 [9.53 x 55.5]
0.318
0.513
1500
600D158F010DX4
0.375 x 2.685 [9.53 x 68.2]
0.23
0.664
15 WVDC AT + 85 °C . . . 10 WVDC AT + 125 °C
100
600D107F015KD4
0.281 x 0.937 [7.14 x 23.8]
3.88
0.085
220
600D227F015DD4
0.375 x 0.937 [9.53 x 23.8]
1.75
0.15
330
600D337F015DE4
0.375 x 1.126 [9.53 x 28.6]
1.16
0.199
470
600D477F015DG4
0.375 x 1.378 [9.53 x 35.0]
0.813
0.26
560
600D567F015DJ4
0.375 x 1.626 [9.53 x 41.3]
0.686
0.305
820
600D827F015DL4
0.375 x 2.185 [9.53 x 55.5]
0.46
0.426
1200
600D128F015DX4
0.375 x 2.685 [9.53 x 68.2]
0.32
0.563



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com