Electronic Components Datasheet Search
  English  ▼

X  

FM3130 Datasheet(PDF) 1 Page - Ramtron International Corporation

Part # FM3130
Description  Integrated RTC/Alarm and 64Kb F-RAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM3130 Datasheet(HTML) 1 Page - Ramtron International Corporation

  FM3130 Datasheet HTML 1Page - Ramtron International Corporation FM3130 Datasheet HTML 2Page - Ramtron International Corporation FM3130 Datasheet HTML 3Page - Ramtron International Corporation FM3130 Datasheet HTML 4Page - Ramtron International Corporation FM3130 Datasheet HTML 5Page - Ramtron International Corporation FM3130 Datasheet HTML 6Page - Ramtron International Corporation FM3130 Datasheet HTML 7Page - Ramtron International Corporation FM3130 Datasheet HTML 8Page - Ramtron International Corporation FM3130 Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
O
BS
O
LE
TE
N
o
D
ire
ct
R
ep
la
ce
m
en
t
Al
te
rn
at
iv
e:
FM
31
64
This product conforms to specifications per the terms of the Ramtron
Ramtron International Corporation
standard warranty. The product has completed Ramtron‟s internal
1850 Ramtron Drive, Colorado Springs, CO 80921
qualification testing and has reached production status.
(800) 545-FRAM, (719) 481-7000
http://www.ramtron.com
Rev. 3.2
Sept. 2011
Page 1 of 22
FM3130
Integrated RTC/Alarm and 64Kb F-RAM
Features
High Integration Device Replaces Multiple Parts
Serial Nonvolatile Memory
Real-time Clock (RTC) with Alarm
Clock Output (Programmable frequency)
64Kb Ferroelectric Nonvolatile RAM
Internally Organized as 8Kx8
Unlimited Read/Write Endurance
45 year Data Retention
NoDelay™ Writes
Fast Two-wire Serial Interface
Up to 1 MHz Maximum Bus Frequency
Supports Legacy Timing for 100 kHz & 400 kHz
RTC & F-RAM Controlled via 2-wire Interface
Real-time Clock/Calendar
Backup Current under 1 A
Seconds through Centuries in BCD format
Tracks Leap Years through 2099
Uses Standard 32.768 kHz Crystal (12.5pF)
Software Calibration
Supports Battery or Capacitor Backup
Easy to Use Configurations
Operates from 2.7 to 3.6V
8-pin “Green” SOIC (-G) and TDFN (-DG)
Low Operating Current
Industrial Temperature -40C to +85C
Underwriters Laboratory (UL) Recognized
Description
The FM3130 integrates a real-time clock (RTC) and
F-RAM nonvolatile memory. The device operates
from 2.7 to 3.6V.
The FM3130 provides nonvolatile F-RAM which
features fast write speed and unlimited endurance.
This allows the memory to serve as extra RAM for
the
system
microcontroller
or
conventional
nonvolatile storage. This memory is truly nonvolatile
rather than battery backed.
The real-time clock (RTC) provides time and date
information in BCD format. It can be permanently
powered from external backup voltage source, either
a battery or a capacitor. The timekeeper uses a
common external 32.768 kHz crystal and provides a
calibration mode that allows software adjustment of
timekeeping accuracy.
Pin Configuration
Pin Name
Function
X1, X2
Crystal Connections
ACS
Alarm/Calibration/SqWave
SDA
Serial Data
SCL
Serial Clock
VBAK
Battery-Backup Supply
VDD
Supply Voltage
VSS
Ground
Ordering Information
FM3130-G
“Green”/RoHS 8-pin SOIC
FM3130-GTR
“Green”/RoHS 8-pin SOIC,
Tape & Reel
FM3130-DG
“Green”/RoHS 8-pin TDFN
FM3130-DGTR
“Green”/RoHS 8-pin TDFN,
Tape & Reel
VSS
X1
VBAK
X2
1
2
3
4
5
6
7
8
VDD
SCL
SDA
ACS
X1
X2
VBAK
VSS
VDD
ACS
SCL
SDA
Top View
1
2
3
4
8
7
6
5


Similar Part No. - FM3130

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM3130 RAMTRON-FM3130 Datasheet
262Kb / 22P
Integrated RTC/Alarm and 64Kb FRAM
FM3130-DG RAMTRON-FM3130-DG Datasheet
262Kb / 22P
Integrated RTC/Alarm and 64Kb FRAM
FM3130-G RAMTRON-FM3130-G Datasheet
262Kb / 22P
Integrated RTC/Alarm and 64Kb FRAM
More results

Similar Description - FM3130

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM3130 RAMTRON-FM3130 Datasheet
262Kb / 22P
Integrated RTC/Alarm and 64Kb FRAM
FM3135 RAMTRON-FM3135 Datasheet
267Kb / 21P
Integrated RTC/Alarm/F-RAM & Embedded Crystal
FM24C64B RAMTRON-FM24C64B Datasheet
293Kb / 12P
64Kb Serial 5V F-RAM Memory
FM24C64C RAMTRON-FM24C64C Datasheet
274Kb / 12P
64Kb Serial 5V F-RAM Memory
FM24CL64B RAMTRON-FM24CL64B Datasheet
225Kb / 12P
64Kb Serial 3V F-RAM Memory
FM25CL64B RAMTRON-FM25CL64B Datasheet
307Kb / 14P
64Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B CYPRESS-FM24CL64B_13 Datasheet
342Kb / 13P
64Kb Serial 3V F-RAM Memory
FM25CL64B CYPRESS-FM25CL64B_13 Datasheet
444Kb / 17P
64Kb Serial 3V F-RAM Memory
FM1608B CYPRESS-FM1608B Datasheet
342Kb / 14P
64Kb Bytewide 5V F-RAM Memory
FM24C64B CYPRESS-FM24C64B_13 Datasheet
352Kb / 15P
64Kb Serial 5V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com