Electronic Components Datasheet Search
  English  ▼

X  

2SC4027 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC4027
Description  High-Voltage Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC4027 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC4027 Datasheet HTML 1Page - Sanyo Semicon Device 2SC4027 Datasheet HTML 2Page - Sanyo Semicon Device 2SC4027 Datasheet HTML 3Page - Sanyo Semicon Device 2SC4027 Datasheet HTML 4Page - Sanyo Semicon Device 2SC4027 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SA1552 / 2SC4027
No.2262-1/5
Applications
•
Converters, inverters, color TV audio output.
Features
•
Adoption of FBET, MBIT processes.
•
High voltage and large current capacity.
•
Ultrahigh-speed switching.
•
Small and slim package permitting 2SA1552 / 2SC4027-applied sets to be made more compact.
Specifications ( ) : 2SA1552
Absolute Maximum Ratings
at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
(--)180
V
Collector-to-Emitter Voltage
VCEO
(--)160
V
Emitter-to-Base Voltage
VEBO
(--)6
V
Collector Current
IC
(--)1.5
A
Collector Current (Pulse)
ICP
(--)2.5
A
Collector Dissipation
PC
1W
Tc=25°C15
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
www.semiconductor-sanyo.com/network
Ordering number : EN2262D
91708 TI IM TC-00001624 / D0505CB MS IM X-0448 / 53002RM (KT) / 72098HA (KT) / 8109MO / 5137TA, TS
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
SANYO Semiconductors
DATA SHEET
2SA1552 / 2SC4027
PNP / NPN Epitaxial Planar Silicon Transistors
High-Voltage Switching
Applications
http://semicon.sanyo.com/en/network


Similar Part No. - 2SC4027

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4027 SANYO-2SC4027 Datasheet
129Kb / 4P
High-Voltage Switching Applications
logo
Unisonic Technologies
2SC4027 UTC-2SC4027 Datasheet
135Kb / 4P
HIGH-VOLTAGE SWITCHING APPLICATIONS
logo
Guangdong Kexin Industr...
2SC4027 KEXIN-2SC4027 Datasheet
46Kb / 2P
NPN Epitaxial Planar Silicon Transistor
logo
Unisonic Technologies
2SC4027 UTC-2SC4027 Datasheet
151Kb / 5P
HIGH-VOLTAGE SWITCHING APPLICATIONS
2SC4027 UTC-2SC4027 Datasheet
152Kb / 5P
HIGH-VOLTAGE SWITCHING APPLICATIONS
More results

Similar Description - 2SC4027

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1592 SANYO-2SA1592 Datasheet
128Kb / 4P
High-Voltage Switching Applications
2SA1768 SANYO-2SA1768 Datasheet
120Kb / 4P
High-Voltage Switching Applications
2SA1770 SANYO-2SA1770 Datasheet
116Kb / 4P
High-Voltage Switching Applications
CPH3140 SANYO-CPH3140 Datasheet
47Kb / 4P
High-Voltage Switching Applications
logo
Toshiba Semiconductor
1SS403 TOSHIBA-1SS403_07 Datasheet
179Kb / 4P
High Voltage Switching Applications
2SA1972 TOSHIBA-2SA1972_07 Datasheet
150Kb / 4P
High-Voltage Switching Applications
logo
Guangdong Kexin Industr...
2SA1419 KEXIN-2SA1419 Datasheet
511Kb / 3P
High-Voltage Switching Applications
2SA1415 KEXIN-2SA1415 Datasheet
412Kb / 3P
High-Voltage Switching Applications
2SA1416 KEXIN-2SA1416 Datasheet
509Kb / 3P
High-Voltage Switching Applications
2SC4135 KEXIN-2SC4135 Datasheet
45Kb / 2P
High-Voltage Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com