Electronic Components Datasheet Search
  English  ▼

X  

FM25640C Datasheet(PDF) 11 Page - Ramtron International Corporation

Part # FM25640C
Description  64Kb Serial 5V F-RAM Memory
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25640C Datasheet(HTML) 11 Page - Ramtron International Corporation

Back Button FM25640C Datasheet HTML 5Page - Ramtron International Corporation FM25640C Datasheet HTML 6Page - Ramtron International Corporation FM25640C Datasheet HTML 7Page - Ramtron International Corporation FM25640C Datasheet HTML 8Page - Ramtron International Corporation FM25640C Datasheet HTML 9Page - Ramtron International Corporation FM25640C Datasheet HTML 10Page - Ramtron International Corporation FM25640C Datasheet HTML 11Page - Ramtron International Corporation FM25640C Datasheet HTML 12Page - Ramtron International Corporation FM25640C Datasheet HTML 13Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
FM25640C - 64Kb 5V SPI F-RAM
Rev. 1.1
June 2011
11 of 13
Serial Data Bus Timing
CS
SCK
SI
SO
1/tCK
tCL
tCH
tCSH
tODV
tOH
tOD
tCSU
tSU
tH
tD
tR
tF
/Hold Timing
CS
SCK
SO
HOLD
tHS
tHH
tHZ
tLZ
tHS
tHH
Power Cycle Timing
VDD min
tPU
VDD
CS
tVR
tPD
tVF
Power Cycle Timing (TA = -40 C to + 85 C, VDD = 4.5V to 5.5V unless otherwise specified)
Symbol
Parameter
Min
Max
Units
Notes
tPU
VDD(min) to First Access Start
1
-
ms
tPD
Last Access Complete to VDD(min)
0
-
s
tVR
VDD Rise Time
30
-
s/V
1
tVF
VDD Fall Time
100
-
s/V
1
Notes
1.
Slope measured at any point on VDD waveform.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com