Electronic Components Datasheet Search
  English  ▼

X  

2SA2012 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SA2012
Description  DC / DC Converter Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SA2012 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SA2012 Datasheet HTML 1Page - Sanyo Semicon Device 2SA2012 Datasheet HTML 2Page - Sanyo Semicon Device 2SA2012 Datasheet HTML 3Page - Sanyo Semicon Device 2SA2012 Datasheet HTML 4Page - Sanyo Semicon Device 2SA2012 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SA2012 / 2SC5565
No.6306-1/5
Applications
Relay drivers, lamp drivers, motor drivers, strobes.
Features
Adoption of MBIT processes.
Large current capacitance.
Low collector-to-emitter saturation voltage.
Ultrasmall-sized package permitting applied sets to be made small and slim.
High allowable power dissipation.
Specifications ( ) : 2SA2012
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
(--30)40
V
Collector-to-Emitter Voltage
VCEO
(--)30
V
Emitter-to-Base Voltage
VEBO
(--)5
V
Collector Current
IC
(--)5
A
Collector Current (Pulse)
ICP
(--)8
A
Base Current
IB
(--)600
mA
Collector Dissipation
PC
Mounted on a ceramic board (250mm2
✕0.8mm)
1.3
W
Tc=25°C
3.5
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Marking 2SA2012 : AS
2SC5565 : FB
http://semicon.sanyo.com/en/network
Ordering number : EN6306A
40710EA TK IM / 21400TS (KOTO) TA-2520
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
s products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
s products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
SANYO Semiconductors
DATA SHEET
2SA2012 / 2SC5565
PNP / NPN Epitaxial Planar Silicon Transistors
DC / DC Converter Applications


Similar Part No. - 2SA2012

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA2012 SANYO-2SA2012 Datasheet
49Kb / 5P
DC/DC Converter Applications
2SA2012 SANYO-2SA2012 Datasheet
92Kb / 5P
DC / DC Converter Applications
logo
ON Semiconductor
2SA2012 ONSEMI-2SA2012 Datasheet
81Kb / 5P
Bipolar Transistor ??0V, ??A, Low VCE(sat) PNP Single PCP
December, 2013
2SA2012-TD-E ONSEMI-2SA2012-TD-E Datasheet
81Kb / 5P
Bipolar Transistor ??0V, ??A, Low VCE(sat) PNP Single PCP
December, 2013
logo
Sanyo Semicon Device
2SA2012 SANYO-2SA2012_12 Datasheet
92Kb / 5P
DC / DC Converter Applications
More results

Similar Description - 2SA2012

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1973 SANYO-2SA1973 Datasheet
44Kb / 4P
DC/DC Converter Applications
2SA2022 SANYO-2SA2022 Datasheet
51Kb / 5P
DC/DC Converter Applications
2SA2025 SANYO-2SA2025 Datasheet
38Kb / 4P
DC/DC Converter Applications
2SA2044 SANYO-2SA2044 Datasheet
37Kb / 5P
DC / DC Converter Applications
CPH5815 SANYO-CPH5815 Datasheet
39Kb / 5P
DC / DC Converter Applications
FTS2022 SANYO-FTS2022 Datasheet
41Kb / 4P
DC / DC Converter Applications
2SA2013 SANYO-2SA2013_05 Datasheet
63Kb / 5P
DC / DC Converter Applications
CPH3121 SANYO-CPH3121_11 Datasheet
71Kb / 5P
DC / DC Converter Applications
CPH6121 SANYO-CPH6121 Datasheet
53Kb / 4P
DC / DC Converter Applications
CPH6122 SANYO-CPH6122_06 Datasheet
54Kb / 4P
DC / DC Converter Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com